Electronic Components Datasheet Search
  English  ▼

X  

MP8764 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP8764
Description  High Efficiency, 12A, 18V Synchronous Step-Down Converter with Latch-off OCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8764 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP8764 Datasheet HTML 5Page - Monolithic Power Systems MP8764 Datasheet HTML 6Page - Monolithic Power Systems MP8764 Datasheet HTML 7Page - Monolithic Power Systems MP8764 Datasheet HTML 8Page - Monolithic Power Systems MP8764 Datasheet HTML 9Page - Monolithic Power Systems MP8764 Datasheet HTML 10Page - Monolithic Power Systems MP8764 Datasheet HTML 11Page - Monolithic Power Systems MP8764 Datasheet HTML 12Page - Monolithic Power Systems MP8764 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
MP8764 ― 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER WITH LATCH-OFF OCP
MP8764 Rev. 1.2
www.MonolithicPower.com
9
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 3V, L = 1µH, TA = 25ºC, unless otherwise noted.
Shutdown through Input
Voltage
IOUT =0A
Start Up through Input
Voltage
IOUT =12A
Start Up through EN
IOUT =10mA
Shutdown through Inp
Voltage
IOUT =12A
Start Up through Enab
IOUT =12A
Shutdown through EN
IOUT =10mA
VOU T
AC Coupled
50mV/di
v.
VIN
AC Coupled
100mV/di
v.
VSW
10V/di
v.
IL
2A/di
v.
VOU T
AC Coupled
20mV/di
v.
VIN
AC Coupled
500mV/di
v.
VSW
10V/di
v.
IL
10A/di
v.
Input/Output
Voltage
Ripple
IOUT =0A
VOU T
2V/di
v.
VIN
10V/di
v.
VPG
5V/di
v.
VSW
5V/di
v.
IL
2A/di
v.
VOU T
2V/di
v.
VIN
4V/di
v.
VPG
5V/di
v.
VSW
5V/di
v.
IL
1A/di
v.
VOU T
2V/di
v.
VIN
10V/di
v.
VPG
5V/di
v.
VSW
10V/di
v.
IL
10A/di
v.
VOU T
2V/di
v.
VEN
5V/di
v.
VPG
5V/di
v.
VSW
10V/di
v.
IL
2A/di
v.
VOU T
2V/di
v.
VEN
5V/di
v.
VPG
5V/di
v.
VSW
10V/di
v.
IL
2A/di
v.
VOU T
2V/di
v.
VEN
5V/di
v.
VPG
5V/di
v.
VSW
10V/di
v.
IL
10A/di
v.
VOU T
2V/di
v.
VIN
5V/di
v.
VPG
5V/di
v.
VSW
10V/di
v.
IL
10A/di
v.
Input/Output
Voltage
Ripple
IOUT =12A
Start Up through Inp
Voltage
IOUT =0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com