Electronic Components Datasheet Search
  English  ▼

X  

MP46885 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP46885
Description  80V Input, 500mA High Power LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP46885 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP46885 Datasheet HTML 2Page - Monolithic Power Systems MP46885 Datasheet HTML 3Page - Monolithic Power Systems MP46885 Datasheet HTML 4Page - Monolithic Power Systems MP46885 Datasheet HTML 5Page - Monolithic Power Systems MP46885 Datasheet HTML 6Page - Monolithic Power Systems MP46885 Datasheet HTML 7Page - Monolithic Power Systems MP46885 Datasheet HTML 8Page - Monolithic Power Systems MP46885 Datasheet HTML 9Page - Monolithic Power Systems MP46885 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP46885 – 80V INPUT, 500mA HIGH POWER LED DRIVER
MP46885 Rev. 1.0
www.MonolithicPower.com
6
7/7/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
L=47μH, 1 LED Load, TA=25
oC, unless otherwise noted.
75
80
85
90
95
100
12
345
NUMBER OF LEDS
NUMBER OF LEDS
90
92
94
96
98
9
11131517
199.70
199.80
199.90
200.00
200.10
200.20
200.30
200.40
200.50
0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80
VIN ( V )



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com