Electronic Components Datasheet Search
  English  ▼

X  

MP46885 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP46885
Description  80V Input, 500mA High Power LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP46885 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP46885 Datasheet HTML 2Page - Monolithic Power Systems MP46885 Datasheet HTML 3Page - Monolithic Power Systems MP46885 Datasheet HTML 4Page - Monolithic Power Systems MP46885 Datasheet HTML 5Page - Monolithic Power Systems MP46885 Datasheet HTML 6Page - Monolithic Power Systems MP46885 Datasheet HTML 7Page - Monolithic Power Systems MP46885 Datasheet HTML 8Page - Monolithic Power Systems MP46885 Datasheet HTML 9Page - Monolithic Power Systems MP46885 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MP46885 – 80V INPUT, 500mA HIGH POWER LED DRIVER
MP46885 Rev. 1.0
www.MonolithicPower.com
9
7/7/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the LED driver. In below cases, an
external BST diode is recommended from the
5V to BST pin:
There is a 5V rail available in the system;
VIN is no greater than 5V;
VOUT is between 3.3V and 5V;
This diode is also recommended for high duty
cycle operation (when VOUT/VIN>65%) and very
high frequency (over 1.5MHz) applications.
The bootstrap diode can be a low cost one
such as IN4148 or BAT54.
MP46885
BS
5V
SW
Figure 2—External Bootstrap Diode
Layout Consideration
It is essential to place the input decoupling
capacitor, catch diode and the MP46885 (VIN
pin, SW pin and PGND) as close as possible,
with traces that are very short and fairly wide.
This can help to greatly reduce the voltage
spike on SW node, and lower the EMI noise
level as well.
Try to run the feedback trace as far from the
inductor and noisy power traces as possible. It
is often a good idea to run the feedback trace
on the side of the PCB opposite of the inductor
with a ground plane separating the two.
To help to improve the thermal conduction, a
grid of thermal vias can be created right under
the exposed pad. It is recommended that they
be small (15mil barrel diameter) so that the hole
is essentially filled up during the plating
process, thus aiding conduction to the other
side. Too large a hole can cause ‘solder
wicking’ problems during the reflow soldering
process. The pitch (distance between the
centers) of several such thermal vias in an area
is typically 40mil.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com