Electronic Components Datasheet Search
  English  ▼

X  

MP171GS Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP171GS
Description  700 V Non-Isolated Off-Line Regulator Up to 60 mA Output Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP171GS Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP171GS Datasheet HTML 12Page - Monolithic Power Systems MP171GS Datasheet HTML 13Page - Monolithic Power Systems MP171GS Datasheet HTML 14Page - Monolithic Power Systems MP171GS Datasheet HTML 15Page - Monolithic Power Systems MP171GS Datasheet HTML 16Page - Monolithic Power Systems MP171GS Datasheet HTML 17Page - Monolithic Power Systems MP171GS Datasheet HTML 18Page - Monolithic Power Systems MP171GS Datasheet HTML 19Page - Monolithic Power Systems MP171GS Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP171 –NON-ISOLATED OFFLINE REGULATOR
MP171 Rev. 1.0
www.MonolithicPower.com
16
9/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
Figure 9 shows a typical application example of a 5 V, 50 mA non-isolated power supply using the
MP171.
L
N
GND
Vout
GND
39
RF1
470 pF
C7
2.2 µF
C2
D1
SRGC10JH
22 µF
C5
STTH1R06
600 V/1 A
D3
2.2 µF/400 V
C3
2.2µF/400V
C4
1mH
L1
41.2 K
R1
39.2 K
R2
22 nF
C1
1.2 K
R3
1mH
L2
D4
SRJC10JH
D2
SRGC10JH
5V/50mA
85 VAC~265VAC
DRAIN
7
NC
6
NC
5
NC
8
VCC
1
FB
2
SOURC
E
3
SOURC
E
4
U1
MP171GS
NC
C6
Figure 9—Typical application at 5 V, 50 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com