Electronic Components Datasheet Search
  English  ▼

X  

MP171GS Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP171GS
Description  700 V Non-Isolated Off-Line Regulator Up to 60 mA Output Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP171GS Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP171GS Datasheet HTML 6Page - Monolithic Power Systems MP171GS Datasheet HTML 7Page - Monolithic Power Systems MP171GS Datasheet HTML 8Page - Monolithic Power Systems MP171GS Datasheet HTML 9Page - Monolithic Power Systems MP171GS Datasheet HTML 10Page - Monolithic Power Systems MP171GS Datasheet HTML 11Page - Monolithic Power Systems MP171GS Datasheet HTML 12Page - Monolithic Power Systems MP171GS Datasheet HTML 13Page - Monolithic Power Systems MP171GS Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MP171 –NON-ISOLATED OFFLINE REGULATOR
MP171 Rev. 1.0
www.MonolithicPower.com
10
9/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Frequency
Foldback
and
Peak
Current
Compression
The MP171 remains highly efficient at light-load
conditions by reducing the switching frequency
automatically.
Under light-load or no-load conditions, the output
voltage drops very slowly, which increases the
MOSFET
off
time.
Thus,
the
frequency
decreases along with the load.
The switching frequency is determined with
Equation (3) and Equation (4):
in
o
o
s
peak
o
in
(V
V )
V
f
2L(I
I ) V

, for CCM
(3)

in
O
o
o
s
2
peak
in
2(V
V ) I V
f
LI
V
, for DCM
(4)
As the peak current limit decreases from 105 mA,
the off time increases. In standby mode, the
frequency and the peak current are both
minimized, allowing for a smaller dummy load. As
a result, peak current compression helps further
reduce no-load consumption. The peak current
limit can be estimated from Equation (5) where
τoff is the off time of the power module:
Peak
off
I105mA (0.4mA / s) (
10 s)

    
(5)
EA Compensation
-
+
VFB
M
-
+
V
ref
2.55V
EA
-
+
FB
Comparator
Vramp
Vramp
Ipeak
+
+
Figure 4—EA and ramp compensation
MP171 has an internal error amplifier (EA)
compensation loop. It samples the feedback
voltage 6 µs after the MOSFET turns off and
regulates the output based on the 2.55 V
reference voltage.
Ramp Compensation
An internal ramp compensation circuit improves
the load regulation. As shown in Figure 4, a
voltage sinking source is added to pull down the
reference voltage of the feedback comparator.
The ramp compensation is relative to the
MOSFET off time, and increases exponentially
as the off time increases. The compensation is
about 1mV/µs under min off time switching
condition.
Over-Load Protection (OLP)
The maximum output power of the MP171 is
limited by the maximum switching frequency and
the peak current limit. If the load current is too
large, the output voltage drops, causing the FB
voltage to drop.
When the FB voltage drops below VFB_OLP, it is
considered an error flag, and the timer starts. If
the timer reaches 170 ms (fS = 36 kHz), OLP
occurs. This timer duration avoids triggering OLP
when the power supply starts up or the load
transitions. The power supply should start up in
less than 170 ms (fS = 36 kHz). The OLP delay
time is calculated using Equation (6):
Delay
s
36kHz
170ms
f

(6)
Short-Circuit Protection (SCP)
The MP171 monitors the peak current and shuts
down when the peak current rises above the
SCP threshold through short-circuit protection.
The power supply resumes operation with the
removal of the fault.
Thermal Shutdown (TSD)
To prevent thermal induced damage, the MP171
stops switching when the junction temperature
exceeds 150°C. During thermal shutdown (TSD),
the VCC capacitor is discharged to VCCpro, and
the the internal high-voltage regulator re-charges.
MP171 recovers when the junction temperature
drops below 120°C.
Open-Loop Detection
If VFB is less than 0.5 V, the IC stops switching,
and a re-start cycle begins. During a soft start,
the open-loop detection is blanked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com