Electronic Components Datasheet Search
  English  ▼

X  

MP163CGS-33 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP163CGS-33
Description  700V, Non-Isolated, Offline Regulator with Integrated LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP163CGS-33 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP163CGS-33 Datasheet HTML 4Page - Monolithic Power Systems MP163CGS-33 Datasheet HTML 5Page - Monolithic Power Systems MP163CGS-33 Datasheet HTML 6Page - Monolithic Power Systems MP163CGS-33 Datasheet HTML 7Page - Monolithic Power Systems MP163CGS-33 Datasheet HTML 8Page - Monolithic Power Systems MP163CGS-33 Datasheet HTML 9Page - Monolithic Power Systems MP163CGS-33 Datasheet HTML 10Page - Monolithic Power Systems MP163CGS-33 Datasheet HTML 11Page - Monolithic Power Systems MP163CGS-33 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
MP163 – 700V, NON-ISOLATED, OFFLINE REGULATOR WITH INTEGRATED LDO
MP163 Rev. 1.01
www.MonolithicPower.com
8
8/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VEN = VIN, COUT = 1μF, TJ = -40°C ~ 125°C, min and max are guaranteed by characterization,
typical is tested at 25°C, unless otherwise specified.
Parameter
Symbol
Condition
Min
Typ
Max
Units
LDO
LDO load current limit
ILDO
MP163AGS-33, MP163AGSE-33,
MP163BGS-33, MP163BGSE-33,
MP163CGS-33, MP163CGSE-33
VOUT = 0V, VIN = 4.3V, TJ = 25°C
180
270
390
mA
MP163AGS-5, MP163AGSE-5,
MP163BGS-5, MP163BGSE-5,
MP163CGS-5, MP163CGSE-5,
VOUT = 0V, VIN = 6V, TJ = 25°C
Dropout voltage
VDROPOUT
ILOAD = 150mA, VIN = VOUT(NOM) -
0.1V
620
1100
mV
Output voltage
VLDO
MP163AGS-33, MP163AGSE-33,
MP163BGS-33, MP163BGSE-33,
MP163CGS-33, MP163CGSE-33,
VIN = 4.3V, IOUT = 0A
3.234
3.3
3.366
V
MP163AGS-5, MP163AGSE-5,
MP163BGS-5, MP163BGSE-5,
MP163CGS-5, MP163CGSE-5,
VIN = 6V, IOUT = 0A
4.9
5
5.1
EN rising threshold
ENTH_R
MP163AGSE-5, MP163AGSE-33,
MP163BGSE-5, MP163BGSE-33,
MP163CGSE-5, MP163CGSE-33,
VIN = VOUT(NOM) + 1V
1.32
1.48
1.64
V
EN falling threshold
ENTH_F
MP163BGSE-5, MP163BGSE-33,
MP163BGSE-5, MP163BGSE-33,
MP163CGSE-5, MP163CGSE-33,
VIN = VOUT(NOM) + 1V
1.07
1.26
1.46
V
Shutdown supply current
ISHDN
MP163AGSE-5, MP163AGSE-33,
MP163BGSE-5, MP163BGSE-33,
MP163CGSE-5, MP163CGSE-33,
VEN = 0V, VIN = 40V
3
9
µA
EN input current
IEN
MP163AGSE-5, MP163AGSE-33,
MP163BGSE-5, MP163BGSE-33,
MP163CGSE-5, MP163CGSE-33,
V
EN = 15V, VIN = 40V
0.1
μA
Thermal shutdown
(5)
165
°C
Thermal shutdown hysteresis
(5)
20
°C
NOTE:
5)
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com