Electronic Components Datasheet Search
  English  ▼

X  

MP163CGS-33 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP163CGS-33
Description  700V, Non-Isolated, Offline Regulator with Integrated LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP163CGS-33 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP163CGS-33 Datasheet HTML 9Page - Monolithic Power Systems MP163CGS-33 Datasheet HTML 10Page - Monolithic Power Systems MP163CGS-33 Datasheet HTML 11Page - Monolithic Power Systems MP163CGS-33 Datasheet HTML 12Page - Monolithic Power Systems MP163CGS-33 Datasheet HTML 13Page - Monolithic Power Systems MP163CGS-33 Datasheet HTML 14Page - Monolithic Power Systems MP163CGS-33 Datasheet HTML 15Page - Monolithic Power Systems MP163CGS-33 Datasheet HTML 16Page - Monolithic Power Systems MP163CGS-33 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
MP163 – 700V, NON-ISOLATED, OFFLINE REGULATOR WITH INTEGRATED LDO
MP163 Rev. 1.01
www.MonolithicPower.com
13
8/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP163 is a green-mode operation
regulator
. The peak current and the switching
frequency both decrease with a decreasing load.
As a result,
the MP163 offers excellent light-
load efficiency and improves overall average
efficiency.
The regulator also incorporates
multiple features and operates with a minimum
number of external components.
The MP163 acts as a fully integrated regulator
when used in
a buck topology (see the Typical
Application on page
2).
Start-Up and Under-Voltage Lockout (UVLO)
The internal high-voltage regulator self-supplies
the IC from DRAIN. When VCC reaches
VCCOFF, the IC starts switching, and the internal
high-voltage regulator turns off. The internal
high-voltage regulator turns on to charge the
external VCC capacitor when VCC falls below
VCCON. A small capacitor (in the low μF range)
maintains VCC and lowers the capacitor cost.
The IC stops switching when VCC drops b
elow
VCCstop.
Under fault conditions
(such as OLP, SCP, and
TSD
) the IC stops switching, and an internal
current source (~16μA) discharges the VCC
capacitor. The internal high-voltage regulator
will not charge the VCC capacitor until VCC
drops below VCCpro. The restart time can be
estimated using Equation (1):
pro
OFF
pro
restart
VCC
CCLATCH
regulator
VCC VCC
VCC
VCC
TC
II






(1)
Soft Start (SS)
The IC stops operation when VCC drops b
elow
VCCstop. The IC begins operation when VCC
charges to VCCOFF. There is a soft-start
period whenever the chip starts operation.
Soft start prevents the inductor current from
overshooting by limiting the minimum off time.
The MP163 adopts a two-phase minimum off-
time limit soft start.
Each soft-start phase lasts
for 128 switching cycles. During soft start, the
off
-time limit shortens gradually from τminoff_SS1
to τminoff_SS2 and reaches τminoff (see Figure 2).
Figure 2: Minimum Off Time at Start-Up
Constant Voltage (CV) Operation
The MP163 regulates the output voltage by
monitoring the sampling capacitor (C3).
At the beginning of each cycle, the integrated
MOSFET turns on while the feedback voltage
drops below the 2.55V reference voltage, which
indicates
an insufficient output voltage. The
peak current limitation determines the on period.
After the on period elapses, the integrated
MOSFET turns off. The sampling capacitor (C3)
voltage is charged to the output voltage through
D3 when the freewheeling diode (D2) turns on.
This way, the sampling capacitor (C3) samples
and holds the output voltage for output
regulation. The sampling capacitor (C3) voltage
decreases when the inductor
(L1) current falls
below the output current. When the feedback
voltage falls below the 2.55V reference voltage,
a new switching cycle begins. Figure 3 shows
this operation in continuous conduction mode
(CCM).
MOSFET
Diode
I
L
Ipeak
Io
Vo
VFB
2.55V
Figure 3: VFB vs. VO
Determine the output voltage with Equation
(2):

R1 R2
Vo 2.55V
R2
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com