Electronic Components Datasheet Search
  English  ▼

X  

MP172 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP172
Description  700 V Non-Isolated Off-Line Regulator Up to 120 mA Output Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP172 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP172 Datasheet HTML 1Page - Monolithic Power Systems MP172 Datasheet HTML 2Page - Monolithic Power Systems MP172 Datasheet HTML 3Page - Monolithic Power Systems MP172 Datasheet HTML 4Page - Monolithic Power Systems MP172 Datasheet HTML 5Page - Monolithic Power Systems MP172 Datasheet HTML 6Page - Monolithic Power Systems MP172 Datasheet HTML 7Page - Monolithic Power Systems MP172 Datasheet HTML 8Page - Monolithic Power Systems MP172 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP172– NON-ISOLATED OFF-LINE REGULATOR
MP172 Rev. 1.0
www.MonolithicPower.com
3
9/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
DRAIN to SOURCE (TJ=+25°C) .-0.3 V to 700 V
All other pins ................................-0.3 V to 6.5 V
Continuous power dissipation..... (TA = +25°C)
(2)
TSOT23-5 .................................................... 1 W
SOIC-8......................................................... 1 W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature................ -60°C to +150°C
Recommended Operating Conditions
(3)
Operating junction temp (TJ). ... -40°C to +125°C
Operating VCC range ...................5.5 V to 5.7 V
Thermal Resistance
(4)
θJA
θJC
TSOT23-5.............................. 100 ..... 55... °C/W
SOIC-8.................................... 96 ...... 45... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowance continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowance power dissipation
will produce an excessive die temperature, causing the
regulator to go into thermal shutdown. Internal thermal
shutdown circuit protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com