Electronic Components Datasheet Search
  English  ▼

X  

MP172 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP172
Description  700 V Non-Isolated Off-Line Regulator Up to 120 mA Output Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP172 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP172 Datasheet HTML 8Page - Monolithic Power Systems MP172 Datasheet HTML 9Page - Monolithic Power Systems MP172 Datasheet HTML 10Page - Monolithic Power Systems MP172 Datasheet HTML 11Page - Monolithic Power Systems MP172 Datasheet HTML 12Page - Monolithic Power Systems MP172 Datasheet HTML 13Page - Monolithic Power Systems MP172 Datasheet HTML 14Page - Monolithic Power Systems MP172 Datasheet HTML 15Page - Monolithic Power Systems MP172 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP172– NON-ISOLATED OFF-LINE REGULATOR
MP172 Rev. 1.0
www.MonolithicPower.com
12
9/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
APPLICATION INFORMATION
Table 1—Common topologies using MP172
Topology
Circuit Schematic
Features
High-side
buck
MP172
1
2
3
4
5
DRAIN
VCC
FB
SOURCE
SOURCE
Vin
Vo
1. No isolation
2. Positive output
3. Low cost
4. Direct feedback
High-side
buck-boost
MP172
1
2
3
4
5
DRAIN
VCC
FB
SOURCE
SOURCE
Vin
Vo
1. No isolation
2. Negative output
3. Low cost
4. Direct feedback
Boost
MP172
1
2
3
4
5
DRAIN
VCC
FB
SOURCE
SOURCE
Vin
Vo
1. No isolation
2. Positive output
3. Low cost
4. Direct feedback
Flyback
*
*
T
V
in
*
DRAIN
VCC
FB
SOURCE
SOURCE
MP172
1
2
3
4
5
1. Isolation
2. Positive output
3. Low cost
4. Indirect feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com