Electronic Components Datasheet Search
  English  ▼

X  

MP174 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP174
Description  700V Non-Isolated Off-Line Regulator, Up to 400mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP174 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP174 Datasheet HTML 14Page - Monolithic Power Systems MP174 Datasheet HTML 15Page - Monolithic Power Systems MP174 Datasheet HTML 16Page - Monolithic Power Systems MP174 Datasheet HTML 17Page - Monolithic Power Systems MP174 Datasheet HTML 18Page - Monolithic Power Systems MP174 Datasheet HTML 19Page - Monolithic Power Systems MP174 Datasheet HTML 20Page - Monolithic Power Systems MP174 Datasheet HTML 21Page - Monolithic Power Systems MP174 Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MP174 – NON-ISOLATED OFF-LINE REGULATOR
MP174 Rev. 1.01
www.MonolithicPower.com
18
8/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
Figure 10 shows a typical application example of a 12V, 300mA non-isolated power supply using
MP174.
L
N
10uF/400V
C4
10uF/400V
C5
1mH
L1
D3
1N4007
D6
1N4007
D5
STTH1R06
100uF/35V
C6
GND
VOUT
GND
220nF
C1
19.1K
R1
4.99K
R4
NC
R3
2.2uF
C2
10/1W
F1
1uF
C7
470pF
C3
85~265VAC
12V/300mA
D4
1N4007
D7
1N4007
3K
R6
D2
1N4007
1N4148WS
D1
24K
R2
NC
R5
1.2mH
L2
Drain
7
NC
6
NC
5
NC
8
Vcc
1
FB
2
Source
3
Source
4
U1
MP174
NC
CX1
NC
RV1
Figure 10: Typical Application at 12V, 300mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com