Electronic Components Datasheet Search
  English  ▼

X  

MP174 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP174
Description  700V Non-Isolated Off-Line Regulator, Up to 400mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP174 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP174 Datasheet HTML 11Page - Monolithic Power Systems MP174 Datasheet HTML 12Page - Monolithic Power Systems MP174 Datasheet HTML 13Page - Monolithic Power Systems MP174 Datasheet HTML 14Page - Monolithic Power Systems MP174 Datasheet HTML 15Page - Monolithic Power Systems MP174 Datasheet HTML 16Page - Monolithic Power Systems MP174 Datasheet HTML 17Page - Monolithic Power Systems MP174 Datasheet HTML 18Page - Monolithic Power Systems MP174 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
MP174 – NON-ISOLATED OFF-LINE REGULATOR
MP174 Rev. 1.01
www.MonolithicPower.com
15
8/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Topology Options
MP174 can be used in common topologies, such
as Buck, Buck-Boost, Boost and Flyback. As
illustrated in table 1.
Component Selection
Input Capacitor
The input capacitor supplies the DC input voltage
for the converter. Figure 6 shows the typical DC
bus voltage waveform of half-wave rectifier and
full-wave rectifier.
Vin
DC input voltage
t
V
DC(min)
V
DC(max)
AC input voltage
Vin
DC input voltage
t
V
DC( min)
V
DC(max)
AC input voltage
Figure 6: Input Voltage Waveform
Typically, the use of a half-wave rectifier requires
an input capacitor rated at 3uF/W for the
universal input condition. When using the full-
wave rectifier, input capacitor is chosen as as
1.5~2uF/W for universal input condiont. Avoid a
minimum DC voltage below 70V; a low DC input
voltage can cause thermal issue. Half-wave
rectifier is recommended for <2W output
application and full-wave rectifier is
recommended for >2W output application.
Inductor
The MP174 has a minimum off-time limit that
determines the maximum power output. The
maximum power increases as the inductor
increases. Using a very small inductor may
cause failure at full load, but a larger inductor
means a higher OLP load. It is recommended to
select an inductor with the minimum value that
can supply the rated power. Estimate the
maximum power with:
 ominoff
o max
o peak
V
PV (I
)
2L
, for CCM

2
o max
peak
minoff
11
PLI
2
, for DCM
For
mass
production,
tolerance
on
the
parameters, such as peak current limitation,
minimal
off
time,
should
be
taken
into
consideration.
Figure 7 shows a example of a Pmin curve with a
12V output. Ipeak=0.6A and Tminoff=15μs is used as
the worst case for PMIN calculation.
2
2.5
3
3.5
4
4.5
5
5.5
6
0.25 0.35 0.45 0.55 0.65 0.75
INDUCTANCE(mH)
Figure 7: Pmin vs. L at 12V
For a 3.6W output converter (12V, 0.3A), the
minimum inductor value is about 0.36mH. But the
switching frequency is too high using a 0.36mH
inductor, which causes poor efficiency. Usually, it
is recommended to use an inductor that make
the switching frequency is higher than 20 kHz but
not too high in large output current applications.
To reduce costs, use a standard off-the-shelf
inductor no less than the calculated value.
Freewheeling Diode
The diode should be selected based on
maximum input voltage and peak current.
The freewheeling diode’s reverse recovery can
affect efficiency and circuit operation for CCM
condiotn, so use an ultra fast diode such as the
EGC10JH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com