Electronic Components Datasheet Search
  English  ▼

X  

GT-CSHPM1.13 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # GT-CSHPM1.13
Description  SMT ceramic package with silicone resin and silicone lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GT-CSHPM1.13 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button GT-CSHPM1.13 Datasheet HTML 5Page - OSRAM GmbH GT-CSHPM1.13 Datasheet HTML 6Page - OSRAM GmbH GT-CSHPM1.13 Datasheet HTML 7Page - OSRAM GmbH GT-CSHPM1.13 Datasheet HTML 8Page - OSRAM GmbH GT-CSHPM1.13 Datasheet HTML 9Page - OSRAM GmbH GT-CSHPM1.13 Datasheet HTML 10Page - OSRAM GmbH GT-CSHPM1.13 Datasheet HTML 11Page - OSRAM GmbH GT-CSHPM1.13 Datasheet HTML 12Page - OSRAM GmbH GT-CSHPM1.13 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.1
GT CSHPM1.13
2017-06-30
9
ΔVF = VF - VF(25 °C) = f(Tj); IF = 350 mA
ΦE/ΦE(25 °C) = f(Tj); IF = 350 mA
Δλdom = λdom - λdom (25 °C) = f(Tj); IF = 350 mA
GT CSHPM1.13
-40 -20
0
20
40
60
80 100 120
Tj [°C]
-1,0
-0,5
0,0
0,5
1,0
∆VF [V]
GT CSHPM1.13
-40 -20
0
20
40
60
80 100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
Φ
E
Φ
E (25°C)
GT CSHPM1.13
-40 -20
0
20
40
60
80 100 120
Tj [°C]
-20
-15
-10
-5
0
5
10
15
∆λ dom [nm]
Relative Forward Voltage 5) page 21
Relative Vorwärtsspannung 5) Seite 21
Relative Radiant Power 5) page 21
Relative Strahlungsleistung 5) Seite 21
Dominant Wavelength 5) page 21
Dominante Wellenlänge 5) Seite 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com