Electronic Components Datasheet Search
  English  ▼

X  

GT-CSHPM1.13 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # GT-CSHPM1.13
Description  SMT ceramic package with silicone resin and silicone lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GT-CSHPM1.13 Datasheet(HTML) 5 Page - OSRAM GmbH

  GT-CSHPM1.13 Datasheet HTML 1Page - OSRAM GmbH GT-CSHPM1.13 Datasheet HTML 2Page - OSRAM GmbH GT-CSHPM1.13 Datasheet HTML 3Page - OSRAM GmbH GT-CSHPM1.13 Datasheet HTML 4Page - OSRAM GmbH GT-CSHPM1.13 Datasheet HTML 5Page - OSRAM GmbH GT-CSHPM1.13 Datasheet HTML 6Page - OSRAM GmbH GT-CSHPM1.13 Datasheet HTML 7Page - OSRAM GmbH GT-CSHPM1.13 Datasheet HTML 8Page - OSRAM GmbH GT-CSHPM1.13 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 1.1
GT CSHPM1.13
2017-06-30
5
Dominant Wavelength Groups
Dominant Wellenlängengruppen
Group
true green
Gruppe
(min.) λ
dom
[nm]
(max.) λ
dom
[nm]
2
513
519
3
519
525
4
525
531
5
531
537
6
537
543
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.
Brightness Groups
Helligkeitsgruppen
Group
Luminous Flux 4) page 21
Luminous Flux 4) page 21
Gruppe
Lichtstrom 4) Seite 21
Lichtstrom 4) Seite 21
(min.) Φ
V [lm]
(max.) Φ
V
LQ
121
130
LR
130
140
LS
140
150
LT
150
164
[lm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com