Electronic Components Datasheet Search
  English  ▼

X  

LA-M67F Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LA-M67F
Description  SMD epoxy package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-M67F Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LA-M67F Datasheet HTML 4Page - OSRAM GmbH LA-M67F Datasheet HTML 5Page - OSRAM GmbH LA-M67F Datasheet HTML 6Page - OSRAM GmbH LA-M67F Datasheet HTML 7Page - OSRAM GmbH LA-M67F Datasheet HTML 8Page - OSRAM GmbH LA-M67F Datasheet HTML 9Page - OSRAM GmbH LA-M67F Datasheet HTML 10Page - OSRAM GmbH LA-M67F Datasheet HTML 11Page - OSRAM GmbH LA-M67F Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
2014-10-31
8
Version 1.4
LA M67F
Forward Current 7) page 20
Durchlassstrom 7) Seite 20
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 20 , 8) page 20
Relative Lichtstärke 7) Seite 20 , 8) Seite 20
IV/IV(20 mA) = f(IF); TS = 25 °C
OHL03954
mA
1.5
F
V
F
I
10
2
10
0
5
10
5
1
V
1.7
1.9
2.1
2.3
2.5
red
super-red
amber
yellow
orange
OHL03008
(20 mA)
V
V
I
I
I
F
10
0
5
10
1
10
mA
2
-1
10
10
-2
10
0
1
10
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com