Electronic Components Datasheet Search
  English  ▼

X  

LA-M67F Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LA-M67F
Description  SMD epoxy package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-M67F Datasheet(HTML) 4 Page - OSRAM GmbH

  LA-M67F Datasheet HTML 1Page - OSRAM GmbH LA-M67F Datasheet HTML 2Page - OSRAM GmbH LA-M67F Datasheet HTML 3Page - OSRAM GmbH LA-M67F Datasheet HTML 4Page - OSRAM GmbH LA-M67F Datasheet HTML 5Page - OSRAM GmbH LA-M67F Datasheet HTML 6Page - OSRAM GmbH LA-M67F Datasheet HTML 7Page - OSRAM GmbH LA-M67F Datasheet HTML 8Page - OSRAM GmbH LA-M67F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2014-10-31
4
Version 1.4
LA M67F
Characteristics (T
S = 25 °C; IF = 20 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
624
nm
Dominant Wavelength
3) page 20
Dominantwellenlänge 3) Seite 20
(min.)
(typ.)
(max.)
λ
dom
λ
dom
λ
dom
612
617
624
nm
nm
nm
Spectral bandwidth at 50% I
rel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
18
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2ϕ
120
°
Forward voltage 4) page 20
Durchlassspannung
4) Seite 20
(min.)
(typ.)
(max.)
V
F
V
F
V
F
1.90
2.15
2.50
V
V
V
Reverse current
Sperrstrom
(V
R = 12 V)
(typ.)
(max.)
I
R
I
R
0.2
10
µA
µA
Real thermal resistance junction / ambient
5) page 20 , 6) page 20
Realer Wärmewiderstand Sperrschicht /
Umgebung 5) Seite 20 , 6) Seite 20
(max.)
R
th JA real
580
K/W
Real thermal resistance junction / solder point
6) page 20
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 20
(max.)
R
th JS real
330
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com