Electronic Components Datasheet Search
  English  ▼

X  

SSM02N60P Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SSM02N60P
Description  N CHANNEL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSM02N60P Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SSM02N60P Datasheet HTML 1Page - List of Unclassifed Manufacturers SSM02N60P Datasheet HTML 2Page - List of Unclassifed Manufacturers SSM02N60P Datasheet HTML 3Page - List of Unclassifed Manufacturers SSM02N60P Datasheet HTML 4Page - List of Unclassifed Manufacturers SSM02N60P Datasheet HTML 5Page - List of Unclassifed Manufacturers SSM02N60P Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.SiliconStandard.com
3 of 6
SSM02N60P
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Normalized BVDSS vs. Junction
Fig 4. Normalized On-Resistance
Temperature
vs. Junction Temperature
0.8
0.9
1
1.1
1.2
-50
0
50
100
150
T j , Junction Temperature (
o C)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
-50
0
50
100
150
T j , Junction Temperature (
o C )
V G =10V
I D =1A
0
0.5
1
1.5
0
5
10
15
20
V DS , Drain-to-Source Voltage (V)
T C =25
o C
V G =10V
V G =5.5V
V G =6.0V
V G =5.0V
V G =4.5V
0
0.2
0.4
0.6
0.8
0
5
10
15
20
V DS , Drain-to-Source Voltage (V)
T C =150
o C
V G =10V
V G =5.5V
V G =6.0V
V G =5.0V
V G =4.5V
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com