Electronic Components Datasheet Search
  English  ▼

X  

LT3669 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3669
Description  Industrial Transceiver with Integrated Step-Down Regulator and LDO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3669 Datasheet(HTML) 1 Page - Linear Technology

  LT3669 Datasheet HTML 1Page - Linear Technology LT3669 Datasheet HTML 2Page - Linear Technology LT3669 Datasheet HTML 3Page - Linear Technology LT3669 Datasheet HTML 4Page - Linear Technology LT3669 Datasheet HTML 5Page - Linear Technology LT3669 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc1733af
DEMO MANUAL DC1733A
DESCRIPTION
LT3669
Industrial Transceiver with Integrated
Step-Down Regulator and LDO
Demonstration circuit 1733A is an industrial transceiver
withintegratedstep-downregulatorandLDOfeaturingthe
LT®3669.Theboardoperatesfrom7.5Vto40VwhenJP7is
set to L+. When the JP7 is set to RES, the minimum input
voltage is 16.5V. The board withstands transients up to
60V.Thestep-downregulatoroutputis5V.TheLDOoutput
is 3.3V. There are two assembly versions. DC1733A-A is
for the LT3669 and DC1733A-B is for the LT3669-2. The
difference is the LT3669 has an integrated catch diode.
The LT3669-2 requires an external catch diode. Table 1
shows the differences between the two versions.
L
, LTC, LTM, LT, Burst Mode are registered trademarks of Linear Technology Corporation.
Other product names may be trademarks of the companies that manufacture the products..
PERFORMANCE SUMMARY
The board also provides various interfaces for line drivers
and receivers. JP8 to JP11 set the signal sources or levels
for TXEN1, TXEN2, TXD1 and TXD2.
The LT3669 data sheet gives complete descriptions of the
part,operationandapplicationinformation.Thedatasheet
must be read in conjunction with this quick start guide for
working on or modifying the demo circuit 1733A.
Design files for this circuit board are available.
Call the LTC Factory.
Specifications are at TA = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
L+
Input Supply
7.5
40
V
VBUCK
Output Voltage
Step-Down Regulator
4.75
5
5.25
V
VLDO
Output Voltage
LDO
3.135
3.3
3.465
V
IBUCK
Maximum Buck Output Current
LT3669, Step-Down Regulator VBUCK = 5V
100
mA
LT3669-2, Step-Down Regulator VBUCK = 5V
300
mA
ILDO
Maximum LDO Output Current
LT3669, VLDO = 3.3V
100
mA
LT3669-2, VLDO = 3.3V
150
mA
FSW
Switching Frequency
600
kHz
EFF
Efficiency
LT3669, L+ = 12V, VBUCK = 5V, IBUCK = 100mA
65
%
LT3669-2, L+ = 12V, VBUCK = 5V, IBUCK = 300mA
76
%
TRST
Reset Timeout Period
C5=100nF
12.5
ms
Table 1. Version Table
ASSY TYPE
U1
ILDO
IBUCK
C8
C9
D6
L1
DC1733A-A
LT3669EUFD
0.1A
0.1A
10µF
0.1µF
OPEN
82µH, CDRH4D22HPNP-820MC
DC1733A-B
LT3669EUFD-2
0.15A
0.3A
22µF
0.22µF
DFLS160
33µH, CDRH50D28RNP-330MC


Similar Part No. - LT3669

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3669-2 LINER-LT3669-2 Datasheet
2Mb / 12P
IO-Link Device with Multiple Sensors
LT3669-2 LINER-LT3669-2_15 Datasheet
539Kb / 40P
IO-Link Transceiver with Integrated Step-Down Regulator and LDO
LT3669 LINER-LT3669_15 Datasheet
539Kb / 40P
IO-Link Transceiver with Integrated Step-Down Regulator and LDO
More results

Similar Description - LT3669

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3507 LINER-LT3507 Datasheet
341Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
logo
Panasonic Semiconductor
AN3018XA PANASONIC-AN3018XA Datasheet
426Kb / 2P
Multi-Channel DC/DC Step-Down Regulator with Integrated FET and LDO
logo
Linear Dimensions Semic...
LT3507EUHFTRPBF LINEAR_DIMENSIONS-LT3507EUHFTRPBF Datasheet
307Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
logo
Linear Integrated Syste...
LT3507EUHF LINEAR-LT3507EUHF Datasheet
280Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
logo
Panasonic Battery Group
AN3018XA PANASONICBATTERY-AN3018XA Datasheet
426Kb / 2P
Multi-Channel DC/DC Step-Down Regulator with Integrated FET and LDO
logo
Linear Technology
LT3507 LINER-LT3507_15 Datasheet
307Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
LT3669 LINER-LT3669_15 Datasheet
539Kb / 40P
IO-Link Transceiver with Integrated Step-Down Regulator and LDO
LT3669-2 LINER-LT3669-2_15 Datasheet
539Kb / 40P
IO-Link Transceiver with Integrated Step-Down Regulator and LDO
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
logo
Linear Technology
LT3507A LINER-LT3507A Datasheet
384Kb / 8P
Triple Monolithic Step-Down Regulator with LDO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com