Electronic Components Datasheet Search
  English  ▼

X  

LT3669 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3669
Description  Industrial Transceiver with Integrated Step-Down Regulator and LDO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3669 Datasheet(HTML) 2 Page - Linear Technology

  LT3669 Datasheet HTML 1Page - Linear Technology LT3669 Datasheet HTML 2Page - Linear Technology LT3669 Datasheet HTML 3Page - Linear Technology LT3669 Datasheet HTML 4Page - Linear Technology LT3669 Datasheet HTML 5Page - Linear Technology LT3669 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc1733af
DEMO MANUAL DC1733A
QUICK START PROCEDURE
Demonstration circuit 1733A is easy to set up to evaluate
the performance of the LT3669 or the LT3669-2. Refer to
Figure 1 for proper measurement equipment setup and
follow the procedure below:
NOTE. When measuring the input or output voltage ripple,
care must be taken to avoid a long ground lead on the
oscilloscope probe. Measure the input or output voltage
ripplebytouchingtheprobetipdirectlyacrosstheterminals
of the input or output capacitors. See Figure 2 for proper
scope probe technique.
1. Place jumpers in the proper positions.
2. With power off, connect an input power supply to
L+  and  L–/GND. The input supply can be a bench
power supply or can be from the respective output
from a master controller.
3. With power off, connect the load to VBUCK and GND.
4. Withpoweroff,connectanotherloadtoVLDOandGND.
5. Turn on the power at the input.
6. Check for the proper output voltages.
NOTE. If there is no output, temporarily disconnect
the load to make sure that the load is not set too high
or is shorted.
7. Once the proper output voltage is established, adjust
the loads within the operating range and observe the
outputvoltageregulation,ripplevoltage,efficiencyand
other parameters.
8. To test driver and receiver functions, use JP8 to JP11
to set up the proper signal sources or levels for TXEN1,
TXEN2, TXD1, and TXD2.
9. Set up or monitor other signals as needed.
10. Once the above signals are set up, observe driver’s
outputs and receiver’s inputs and outputs.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com