Electronic Components Datasheet Search
  English  ▼

X  

LT3763 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3763
Description  High Power Constant Current, Constant Voltage Synchronous Buck Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3763 Datasheet(HTML) 2 Page - Linear Technology

  LT3763 Datasheet HTML 1Page - Linear Technology LT3763 Datasheet HTML 2Page - Linear Technology LT3763 Datasheet HTML 3Page - Linear Technology LT3763 Datasheet HTML 4Page - Linear Technology LT3763 Datasheet HTML 5Page - Linear Technology LT3763 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc1831af
DEMO MANUAL DC1831A
QUICK START PROCEDURE
Demonstration circuit 1831A is easy to set up to evalu-
ate the performance of the LT3763. Refer to Figure 2 for
proper measurement equipment setup and follow the
procedure below:
1. With power off, connect the input power supply to VIN
and GND. Note: make sure VIN is below 60V.
2. With power off, connect the LED load to VOUT and
GND (without PWM dimming) or VOUT and LED– (with
PWM dimming).
PERFORMANCE SUMMARY
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Range
12
60
V
VOUT
Maximum Output Voltage
15
V
IOUT
Output Current
9.4
10
10.6
A
fSW
Switching Frequency
380
430
480
kHz
EFF
Efficiency at DC
IOUT = 10A, VOUT = 10V
95
%
3. When measuring input and output voltage, measure at
test points TP1 to TP4.
4. Turn on the power at the input.
5. Carefully evaluate other design parameters as needed.
(TA = 25°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com