Electronic Components Datasheet Search
  English  ▼

X  

LT3763 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3763
Description  High Power Constant Current, Constant Voltage Synchronous Buck Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3763 Datasheet(HTML) 4 Page - Linear Technology

  LT3763 Datasheet HTML 1Page - Linear Technology LT3763 Datasheet HTML 2Page - Linear Technology LT3763 Datasheet HTML 3Page - Linear Technology LT3763 Datasheet HTML 4Page - Linear Technology LT3763 Datasheet HTML 5Page - Linear Technology LT3763 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
dc1831af
DEMO MANUAL DC1831A
PARTS LIST
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
1
C1
Cap., Alum, 33μF,100V, 10.3x10.3
Sun Elect., 100CE33FS
2
2
C2, C5
Cap., X7R, 2.2μF, 100V, 10%, 1210
Murata, GRM32ER72A225KE35L
3
1
C6
Cap., X7R, 1μF, 100V, 10%, 1206
Murata, GRM31CR72A105KA01L
4
1
C7
Cap., X7R, 0.22μF, 10V, 10%, 0603
Murata, GRM188R71A224KA01D
5
2
C8, C10
Cap., POSCAP, 68μF, 16V
Sanyo, 16TQC68MYF
6
2
C9, C11
Cap., X7R , 22μF, 25V, 10%, 1210
Murata, GRM32ER71E226KE15L
7
1
C12
Cap., X5R, 22μF, 6.3V,10%, 0805
Murata, GRM21BR60J226ME39L
8
1
C13
Cap., C0G, 2nF, 50V, 5%, 0603
Murata, GRM1885C1H202JA01D
9
2
C14, C19
Cap., X7R, 1000pF, 50V, 10%, 0603
AVX, 06035C102KAT2A
10
1
C15
Cap., X7R, 10nF,16V, 0603
Murata, GRM188R71C103KA01D
11
1
C17
Cap., X7R, 5.1nF, 10%, 25V, 0603
Murata, GRM188R71E512KA01
12
1
D1
1.0A Schottky Diode, DFLS160
Diodes/Zetex, DFLS160-7
13
1
D2
2.0A Schottky Diode, DFLS260
Diodes/Zetex, DFLS260-7
14
1
L1
Inductor, 2.8μH
WE., 7443551280
15
4
Q1, Q2, Q3, Q4
MOSFET
Renesas, RJK0851DPB
16
1
Q5
MOSFET
Infineon, BSC014N03LS G
17
1
R1
Res., Chip, 374k, 1%, 0603
Vishay, CRCW0603374KFKEA
18
1
R2
Res., Chip, 124k, 1%, 0603
Vishay, CRCW0603124KFKEA
19
6
R3, R5, R8, R24, R25, R27
Res., Chip, 100k, 1%, 0603
Vishay, CRCW0603100KFKEA
20
1
R4
Res., Chip, 0.005Ω, 1W, 1%, 2512
Vishay, WSL25125L000FEA
21
1
R7
Res., Chip, 45.3k, 1%, 0603
Vishay, CRCW060345K3FKEA
22
1
R11
Res., Chip, 5.62k, 1%, 0603
Vishay, CRCW06035K62FKEA
23
1
R12
Res., Chip, 680K, 1%, 0603
Vishay, CRCW0603680KFKEA
24
1
R14
Res., Chip, 487Ω, 1%, 0603
Vishay, CRCW0603487RFKEA
25
1
R15
Res., Chip, 30.9k, 1%, 0603
Vishay, CRCW060330K9FKEA
26
1
U1
I.C. LT3763EFE, 20-Pin TSSOP
Linear Tech., LT3763EFE
Additional Demo Board Circuit Components
1
0
C3, C4
Cap., 1210, Opt
2
0
C16, C18, C20
Cap., 0603, Opt
3
2
R6, R17
Res., Chip, 0Ω, 2512
Vishay, CRCW25120000Z0EG
4
0
R9, R20, R21
Res., 1206, Opt
5
8
R10, R13, R16, R18, R19, R22,
R23, R26
Res., Chip, 0Ω, 0603
Vishay, CRCW06030000Z0ED
Hardware–For Demo Board Only
1
5
J1, J2, J3, J4, J5
Jack, Banana
Keystone, 575-4
2
10
E1-E8, E10, E11
Testpoint, Turret, 0.094"
Mill-Max, 2501-2-00-80-00-00-07-0
3
4
Stand-Off, Nylon 0.5" tall
Keystone, 8833 (Snap On)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com