Electronic Components Datasheet Search
  English  ▼

X  

MP157 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP157
Description  Smallest Energy Efficient Off-line Regulator with Extended Power Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP157 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP157 Datasheet HTML 1Page - Monolithic Power Systems MP157 Datasheet HTML 2Page - Monolithic Power Systems MP157 Datasheet HTML 3Page - Monolithic Power Systems MP157 Datasheet HTML 4Page - Monolithic Power Systems MP157 Datasheet HTML 5Page - Monolithic Power Systems MP157 Datasheet HTML 6Page - Monolithic Power Systems MP157 Datasheet HTML 7Page - Monolithic Power Systems MP157 Datasheet HTML 8Page - Monolithic Power Systems MP157 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MP157 –SMALLEST ENERGY EFFICIENT OFF-LINE REGULATOR WITH EXTENDED POWER RANGE
MP157 Rev. 1.04
www.MonolithicPower.com
5
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 5V, TA = 25C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Start-up Current Source (Drain Pin)
Internal regulator supply current
Iregulator
VCC=4V;VDrain=100V
2.5
3.5
4.5
mA
Leakage Current from Pin Drain
ILeak
VCC=5V;Vdarin=400V
--
10
25
μA
Break Down Voltage
V(BR)DSS
500
--
--
V
Supply Voltage Management (VCC Pin)
VCC Increasing Level at which the
internal regulator stops
VCCOFF
4.5
4.6
4.9
V
VCC Decreasing Level at which the
internal regulator Turns-On
VCCON
4.3
4.45
4.7
V
VCC Regulator on and off Hysteresis
--
230
--
mV
VCC Decreasing level at which the IC
stops working
VCCstop
3.2
3.35
3.5
V
VCC Decreasing Level at which the
protection Phase Ends
VCCpro
2.05
2.35
2.65
V
Internal IC Consumption
ICC
VCC=4.6V, Fs=45kHz
Duty= 40%
--
--
500
μA
Internal IC Consumption (No Switch)
ICC
VCC=4.6V
--
--
165
uA
Internal IC Consumption, Latch off
Phase
ICCLATCH VCC=5V
--
16
--
μA
Internal MOSFET (Drain Pin)
Break Down Voltage
VBRDSS
500
--
--
V
On-State resistance
Ron
--
10
--
Ω
Internal Current Sense
Peak Current Limit
ILimit
500
640
780
mA
Leading edge blanking
TLEB1
--
400
--
ns
SCP point
ISCP
--
900
1200
mA
Leading edge blanking for SCP
(5)
TLEB2
--
180
--
ns
Feedback input (FB Pin)
Minimum off time
Tminoff
10.6
13.1
15.6
us
Feedback Threshold to turn on the
primary MOSFET
VFB
2.45
2.55
2.65
V
Feedback Threshold to trigger the
OLP
VFB_OLP
1.6
1.7
1.8
V
Over Load Protection Delay time
TOLP
Fs=37kHz
--
150
--
ms
Open loop detection
VOLD
--
60
--
mV
Thermal Shutdown
Thermal shutdown threshold
(5)
--
150
--
ºC
Notes:
5) Guarantee by Characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com