Electronic Components Datasheet Search
  English  ▼

X  

MP157 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP157
Description  Smallest Energy Efficient Off-line Regulator with Extended Power Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP157 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP157 Datasheet HTML 11Page - Monolithic Power Systems MP157 Datasheet HTML 12Page - Monolithic Power Systems MP157 Datasheet HTML 13Page - Monolithic Power Systems MP157 Datasheet HTML 14Page - Monolithic Power Systems MP157 Datasheet HTML 15Page - Monolithic Power Systems MP157 Datasheet HTML 16Page - Monolithic Power Systems MP157 Datasheet HTML 17Page - Monolithic Power Systems MP157 Datasheet HTML 18Page - Monolithic Power Systems MP157 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MP157 –SMALLEST ENERGY EFFICIENT OFF-LINE REGULATOR WITH EXTENDED POWER RANGE
MP157 Rev. 1.04
www.MonolithicPower.com
15
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Topology Options
MP157 can be used in common topologies, such
as Buck, Buck-Boost, Boost and Flyback. Please
find the Table.1 for more information.
COMPONENT SELECTION
Input Capacitor
The input capacitor is used to supply the DC
input voltage for the converter. Figure 7 shows
the typical DC bus voltage waveform with half-
wave rectifier and full-wave rectifier.
Vin
VDC(max)
VDC(min)
DC input Voltage
a) DC input with half-wave rectifier
Vin
VDC(max)
VDC(min)
DC input Voltage
b) DC input with full-wave rectifier
Figure 7: Input voltage waveform
When the half-wave rectifier is used, the input
capacitor is usually set as 3uF/W for the
universal input condition. And when the full-wave
rectifier is used, we could choose a smaller
capacitor usually set as 1.5-2uF/W. Avoid the
minimum DC voltage below 70V. Low DC input
voltage will bring the problem of thermal
shutdown. Half-wave rectifier is recommended
for <2W output application and full-wave rectifier
is recommended for >2W output application.
Inductor
MP157 has a minimum off time limit, and this
decides the maximum power it can output. The
maximum power increases as the inductor
increases. Using a smaller inductor may fail
output the full load. The maximum power can be
obtained as:
omin off
omax
o peak
Vt
PV (I
)
2L

, For CCM

2
o max
peak
min off
11
PLI
2
, for DCM
To consider the parameter error of the converter
such as peak current limit, minimum off time and
so on, we can obtain the minimum value Pmin of
the maximum power. The principle of choosing
the inductor is that Pmin should be higher than
the rated power.
Take the output voltage 12V as examples, the
curve of Pmin for 12V is shown as Figure 8,
(Ipeak=0.64A, tminoff=13.1
s)
INDUCTANCE(mH)
2.6
3
3.4
3.8
4.2
4.6
5
0.4
0.5
0.6
0.7
0.8
0.9
Figure 8: Pmin vs. L at 12V output
For CCM operation, the selection of L should
make the frequency of converter lower than
40kHz to reduce the turn-on switching loss cause
by reverse recovery of free-wheeling diode at
high line input.
Freewheeling Diode
The diode should have a maximum reverse
voltage rating which is greater than the maximum
input voltage, and the current rating of the diode
is determined by the output current.
The reverse recovery of freewheeling diode can
affect the efficiency and the circuit operation. For
CCM operation. ultra fast diode with Trr<35ns is
used such as STTH2R06, STTH1R06, and
UGC10JH. For DCM operation, diode with
Trr<75ns is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com