Electronic Components Datasheet Search
  English  ▼

X  

MP7751 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP7751
Description  26V, 2x20W Stereo BTL Fix Frequency Class D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7751 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP7751 Datasheet HTML 11Page - Monolithic Power Systems MP7751 Datasheet HTML 12Page - Monolithic Power Systems MP7751 Datasheet HTML 13Page - Monolithic Power Systems MP7751 Datasheet HTML 14Page - Monolithic Power Systems MP7751 Datasheet HTML 15Page - Monolithic Power Systems MP7751 Datasheet HTML 16Page - Monolithic Power Systems MP7751 Datasheet HTML 17Page - Monolithic Power Systems MP7751 Datasheet HTML 18Page - Monolithic Power Systems MP7751 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
MP7751 – 26V, 2X20W STEREO BTL FIX FREQUENCY CLASS D AUDIO AMPLIFIER
MP7751 Rev. 1.0
www.MonolithicPower.com
17
5/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Power Source
For maximum output power, the amplifier circuit
requires a regulated external power source. A
high power-supply voltage can deliver more
power to a given load resistance, but a power-
source voltage exceeding the maximum voltage
of 26V can damage the MP7751. The
MP7751’s power supply rejection is excellent,
though power-supply noise can pass to the
output, so care must be taken to minimize
power supply noise within the pass-band
frequencies. Bypass the power supply with a
large capacitor (typically aluminum electrolytic)
along with two smaller 1μF and 1nF ceramic
capacitors at the MP7751 VCC supply pins.
PCB Layout
Circuit layout is critical for optimal performance,
low output distortion, and noise. Duplicate the
EVB layout for best results. For layout changes,
follow these guidelines and use Figure 7 and
Figure 8 as references.
1) Place the following components as close to
the MP7751 as possible:
Bootstrap Capacitors
CBS supply the gate drive current to the internal
HS-FET. Place CBS as close to BST pin and SW
pin as possible.
Power Supply Bypass Capacitors
CBYP carry the transient current for the switching
power stage. To avoid overstressing the
MP7751 and excessive output noise, place
CBYP as close to the PVCC pins as possible.
2) The Inductor-Capacitor (LC) filter converts
the pulse train at SW to the output voltage that
drives the speaker. Please keep the filter
capacitor close to the inductor.
3) Make sure that any traces carrying the switch
node (SW) voltages are routed far from any
input signal traces. If the trace must run near
the SW trace near the input, shield the input
with a ground plane between the traces.
Physically separate each channel to prevent
crosstalk. Make sure that all inductors used on
a single circuit board have the same orientation.
Route each power supply from the source to
each channel individually, not serially. This
prevents channel-to-channel coupling through
the power supply input.
Electro-Magnetic Interference (EMI)
Considerations
Due to the switching nature of Class D
amplifiers, care must be taken to minimize the
effects of electromagnetic interference from the
amplifier. However, proper component selection
and careful attention to circuit layout can
minimize the effects of the EMI due to the
amplifier switching.
The power inductors are a potential source of
radiated
emissions.
For
the
best
EMI
performance, use toroidal inductors, since the
magnetic field is well-contained inside the core.
However toroidal inductors can be expensive to
wind. For a more economical solution, use
shielded-gapped–ferrite
or
shielded-ferrite-
bobbin-core inductors. These inductors typically
do not contain the EM field as well toroidal
inductors, but can achieve a better balance
between good EMI performance with low cost.
The size of high-current loops that carry rapidly
changing currents must be minimized: Make
sure that the VCC bypass capacitors are as
close to the MP7751 as possible.
Nodes that carry rapidly changing voltage, such
as SW, need to be made as small as possible.
If sensitive traces run near a trace connected to
SW, place a ground shield between the traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com