Electronic Components Datasheet Search
  English  ▼

X  

MP7751 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP7751
Description  26V, 2x20W Stereo BTL Fix Frequency Class D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7751 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP7751 Datasheet HTML 1Page - Monolithic Power Systems MP7751 Datasheet HTML 2Page - Monolithic Power Systems MP7751 Datasheet HTML 3Page - Monolithic Power Systems MP7751 Datasheet HTML 4Page - Monolithic Power Systems MP7751 Datasheet HTML 5Page - Monolithic Power Systems MP7751 Datasheet HTML 6Page - Monolithic Power Systems MP7751 Datasheet HTML 7Page - Monolithic Power Systems MP7751 Datasheet HTML 8Page - Monolithic Power Systems MP7751 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MP7751 – 26V, 2X20W STEREO BTL FIX FREQUENCY CLASS D AUDIO AMPLIFIER
MP7751 Rev. 1.0
www.MonolithicPower.com
4
5/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5,6)
VCC = 24V, VEN = 5V, Tj = -40°C to 125°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Standby Current
IQSTBY
VEN = 0V,NIN=PIN=Float
130
200
µA
Quiescent Current
IQ
VEN = 5V, no load, no LC filter
20
40
mA
Output Offset Voltage
VOS
VI = 0 V, Gain = 36 dB,
Tj = 25°C
20
65
mV
SW On Resistance
RdsON
IO = 500mA, Tj = 25°C
0.24
Ω
Short Circuit Current
Sourcing and Sinking,
Tj = 25°C
4
5
6
A
Closed Loop Gain
G
GAIN0 = L, GAIN1 = L
19
20
21
dB
GAIN0 = H, GAIN1 = L
25
26
27
GAIN0 = L, GAIN1 = H
31
32
33
GAIN0 = H, GAIN1 = H
35
36
37
EN Enable Threshold Voltage
VEN Rising
1.3
2.0
V
VEN Falling
0.4
0.9
V
EN Enable Input Current
VEN = 5V
12
25
µA
Under Voltage Protection
VUVP Rising
4.6
5
V
VUVP Falling
4
4.3
V
AVCC Operating Voltage
5
5.5
6
V
VDR Operating Voltage
5
5.5
6
V
VINN/INP Common Mode Voltage
2.3
2.5
2.7
V
GAIN0/GAIN1 Threshold
VGAIN Rising
1.6
2
V
VGAIN Falling
0.6
1.1
V
Turn-on Time
tON
13
ms
Turn-off Time
tOFF
0.2
us
Switching frequency
260
325
360
kHz
Input signal absence sensitivity
2
5
8
mV
Thermal Shutdown Trip Point
TJ Rising
150
°C
Thermal Shutdown Hysteresis
20
°C
Note:
5) The device is not guaranteed to function outside its operating rating.
6) Electrical Characteristics are for the IC only with no external components except bypass capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com