Electronic Components Datasheet Search
  English  ▼

X  

MP8046 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8046
Description  28V, 5A Dual Channel Power Half-Bridge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8046 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8046 Datasheet HTML 1Page - Monolithic Power Systems MP8046 Datasheet HTML 2Page - Monolithic Power Systems MP8046 Datasheet HTML 3Page - Monolithic Power Systems MP8046 Datasheet HTML 4Page - Monolithic Power Systems MP8046 Datasheet HTML 5Page - Monolithic Power Systems MP8046 Datasheet HTML 6Page - Monolithic Power Systems MP8046 Datasheet HTML 7Page - Monolithic Power Systems MP8046 Datasheet HTML 8Page - Monolithic Power Systems MP8046 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MP8046 –28V, 5A DUAL CHANNEL POWER HALF-BRIDGE
MP8046 Rev. 0.92
www.MonolithicPower.com
5
4/29/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VDD1 = VDD2 = 20V,
SHDN
V
= 5V, TA = +25°C, unless otherwise specified.
100ns/div.
100ns/div.
VSW
10V/div.
VFAULT
2V/div.
IL
5A/div.
+5
+4
+3
+2
+1
0
-1
-2
-3
-4
-5
10
10K 20K
1K
100
FREQUENCY (Hz)
Input/Output Waveform
Positive Pulse
Input/Output Waveform
Negative Pulse
Normal Switch Waveform
Short Circuit
Negative Current
Short Circuit
Positive Current
100
10
1
0.1
0.01
0.01
1
0.1
10 30
POUT (W)
f=1KHz
VSW
10V/div.
VOUT1
10V/div.
VOUT2
10V/div.
VFAULT
2V/div.
VOUT1
10V/div.
VPWM1
2V/div.
IL
5A/div.
VOUT1
10V/div.
VPWM1
2V/div.
5ns/div.
Output Rise-Time
VOUT1
5V/div.
5ns/div.
Output Fall-Time
VOUT1
5V/div.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com