Electronic Components Datasheet Search
  English  ▼

X  

MP8046 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP8046
Description  28V, 5A Dual Channel Power Half-Bridge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8046 Datasheet(HTML) 9 Page - Monolithic Power Systems

  MP8046 Datasheet HTML 1Page - Monolithic Power Systems MP8046 Datasheet HTML 2Page - Monolithic Power Systems MP8046 Datasheet HTML 3Page - Monolithic Power Systems MP8046 Datasheet HTML 4Page - Monolithic Power Systems MP8046 Datasheet HTML 5Page - Monolithic Power Systems MP8046 Datasheet HTML 6Page - Monolithic Power Systems MP8046 Datasheet HTML 7Page - Monolithic Power Systems MP8046 Datasheet HTML 8Page - Monolithic Power Systems MP8046 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MP8046 –28V, 5A DUAL CHANNEL POWER HALF-BRIDGE
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP8046 Rev. 0.92
www.MonolithicPower.com
9
4/29/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PACKAGE INFORMATION
TSSOP20F
NOTE:
1) Control dimension is in inches. Dimension in bracket is millimeters.
SEE DETAIL "A"
SEE DETAIL "B"
0.004(0.090)
0.008(0.200)
0.007(0.190)
0.010(0.250)
0.004(0.090)
0.006(0.160)
0.075(0.190)
0.012(0.300)
DETAIL "B"
0.047(1.200)
max
0.007(0.190)
0.012(0.300)
0.032(0.800)
0.041(1.050)
0.002(0.050)
0.006(0.150)
0.252 (6.400)
0.260 (6.600)
SEATING PLANE
0.0256(0.650)TYP
PIN1
IDENT.
0.169
0.177
(4.300)
(4.500)
0.244
0.260
(6.200)
(6.600)
0.030(0.750)
0.030(0.750)
0.105 (2.67)
0.118 (3.00)
pad width
0.150 (3.80)
0.165 (4.19)
pad length
0.039(1.000)REF
0.010(0.250)
0.018(0.450)
0.030(0.750)
0o-8o
DETAIL "A"
GATE PLANE
0.004(0.090)
0.004(0.090)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com