Electronic Components Datasheet Search
  English  ▼

X  

3965 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3965
Description  DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3965 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3965 Datasheet HTML 1Page - Allegro MicroSystems 3965 Datasheet HTML 2Page - Allegro MicroSystems 3965 Datasheet HTML 3Page - Allegro MicroSystems 3965 Datasheet HTML 4Page - Allegro MicroSystems 3965 Datasheet HTML 5Page - Allegro MicroSystems 3965 Datasheet HTML 6Page - Allegro MicroSystems 3965 Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3965 DMOS Dual Full Bridge
PWM Motor Driver
4
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 20V, VDD = 3.0 V, VSENSE = 0.5 V (unless noted otherwise)
Limits
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Logic
Reference Input Current
IREF
VREF = VDD
-1
0
1
µA
VREF input voltage range
VREF
0
VDD- .1
Reference Divider Ratio
VREF/VS
6
VREF = 1.5V
-5
5
%
GM Error
VERR
(Note 3)
VREF = .5V
-10
10
%
Propagation Delay
tPD
PWM CHANGE TO SOURCE OFF
–
150
–
ns
PWM CHANGE TO SINK OFF
–
150
–
ns
PWM CHANGE TO SOURCE ON
–
1000
–
ns
PWM CHANGE TO SINK ON
–
1000
–
ns
DISABLE TO SOURCE ON
–
200
–
ns
DISABLE TO SINK ON
–
200
–
ns
tCOD
300
850
1200
ns
PWM RC Frequency
fOSC
R = 1000pf, C = 20K
47.4
Khz
Blank Time
tBLANK
R = 1000pf, C = 20K
.8
1.21
1.6
µs
Thermal Shutdown Temp.
TJ
–
165
°C
Thermal Shutdown Hysteresis
∆TJ
–
15
–
°C
UVLO Enable Threshold
Rising VDD
2.5
2.8
V
UVLO Hysteresis
0.05
0.10
–
V
NOTES: 1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device pin.
3. VERR =((VREF/6) – VSENSE)/(VREF/6)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com