Electronic Components Datasheet Search
  English  ▼

X  

3965 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3965
Description  DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3965 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3965 Datasheet HTML 1Page - Allegro MicroSystems 3965 Datasheet HTML 2Page - Allegro MicroSystems 3965 Datasheet HTML 3Page - Allegro MicroSystems 3965 Datasheet HTML 4Page - Allegro MicroSystems 3965 Datasheet HTML 5Page - Allegro MicroSystems 3965 Datasheet HTML 6Page - Allegro MicroSystems 3965 Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3965 DMOS Dual Full Bridge
PWM Motor Driver
3
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 20 V, VDD = 3.0 V, VSENSE = 0.5 V, fPWM < 50KHz (unless
noted otherwise)
Limits
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Drivers
Load Supply Voltage Range
VBB
Operating, IOUT = ±500 mA
6
–
20
V
During Sleep Mode
0
20
V
Output Leakage Current
IDSS
VOUT = VBB
–
<1.0
20
µA
VOUT = 0 V
–
<–1.0
-20
µA
Output On Resistance
RDSON
Source Driver, IOUT = -500 mA
–
1.2
1.35
Ω
Sink Driver, IOUT = 500 mA
–
.75
.9
Ω
Source Driver, IOUT = -500 mA; VBB=6V
1.3
1.5
Ω
Sink Driver, IOUT = 500 mA, VBB=6V
.85
1.0
Ω
Body Diode Forward Voltage
VF
Source Diode, IF = -500 mA
–
1
–
V
Sink Diode, IF = 500mA
–
1
–
V
Motor Supply Current
IBB
fPWM < 50 kHz
–
3.5
7
mA
Charge Pump On, Outputs Disabled
–
1.5
3
mA
Sleep Mode
–
–
10
uA
IDD
fPWM < 50 kHz
4.5
mA
Outputs Off
3.6
mA
Logic Supply Current
Sleep Mode (Inputs below .5V)
<1
10
µA
Control Logic
Logic Supply Voltage Range
VDD
Operating
2.85
5.5
V
Logic Input Voltage
VIN(1)
VDD*.7
–
V
VIN(0)
–
VDD*.3
V
Logic Input Current
IIN(1)
VIN = VDD*.7
-20
<1.0
20
µA
IIN(0)
VIN = VDD*.3
-20
<1.0
20
µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com