Electronic Components Datasheet Search
  English  ▼

X  

SFH-2504 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH-2504
Description  Silicon PIN Photodiode with integrated Temperature Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-2504 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH-2504 Datasheet HTML 1Page - OSRAM GmbH SFH-2504 Datasheet HTML 2Page - OSRAM GmbH SFH-2504 Datasheet HTML 3Page - OSRAM GmbH SFH-2504 Datasheet HTML 4Page - OSRAM GmbH SFH-2504 Datasheet HTML 5Page - OSRAM GmbH SFH-2504 Datasheet HTML 6Page - OSRAM GmbH SFH-2504 Datasheet HTML 7Page - OSRAM GmbH SFH-2504 Datasheet HTML 8Page - OSRAM GmbH SFH-2504 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2016-08-05
2
Version 1.4
SFH 2504
Maximum Ratings (TA = 25 °C)
Characteristics (Photodiode -- T
A = 25°C)
Characteristics (Thermistor (EPCOS B57860S0103A002) -- TA = 25°C)
Parameter
Symbol
Values
Unit
Operating and storage temperature range
T
op; Tstg
-40 ... 100
°C
Reverse voltage
V
R
30
V
Total Power dissipation
P
tot
30
mW
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
V
ESD
2000
V
Parameter
Symbol
Values
Unit
Photocurrent
(VR = 5 V, λ = 870 nm, Ee = 1 mW/cm
2)
(typ (min))
IP
2.7 (≥ 1.9)
µA
Wavelength of max. sensitivity
(typ)
λS max
870
nm
Spectral range of sensitivity
(typ)
λ10%
(typ) 740
... 1100
nm
Radiant sensitive area
(typ)
A
0.31
mm2
Dimensions of radiant sensitive area
(typ)
L x W
0.56 x 0.56
mm x
mm
Half angle
(typ)
ϕ
± 60
°
Dark current
(VR = 10 V)
(typ (max)) IR
0.05 (≤ 5)
nA
Rise and fall time
(V
R = 10 V, RL = 50 Ω, λ = 850 nm)
(typ)
tr, tf
0.01
µs
Forward voltage
(I
F = 100 mA, E = 0)
(typ)
V
F
1.2
V
Capacitance
(VR = 0 V, f = 1 MHz, E = 0)
(typ)
C
0
13
pF
Temperature coefficient of VO
(typ)
TCV
-2.6
mV / K
Parameter
Symbol
Values
Unit
Resistance
(typ)
R25
10
kΩ
Tolerance of resistance
(typ)
Rtol
± 3
%
Rated temperature
(typ)
T
n
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com