Electronic Components Datasheet Search
  English  ▼

X  

SFH-2504 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-2504
Description  Silicon PIN Photodiode with integrated Temperature Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-2504 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-2504 Datasheet HTML 1Page - OSRAM GmbH SFH-2504 Datasheet HTML 2Page - OSRAM GmbH SFH-2504 Datasheet HTML 3Page - OSRAM GmbH SFH-2504 Datasheet HTML 4Page - OSRAM GmbH SFH-2504 Datasheet HTML 5Page - OSRAM GmbH SFH-2504 Datasheet HTML 6Page - OSRAM GmbH SFH-2504 Datasheet HTML 7Page - OSRAM GmbH SFH-2504 Datasheet HTML 8Page - OSRAM GmbH SFH-2504 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Version 1.4
SFH 2504
2016-08-05
3
Relative Spectral Sensitivity 1) page 9
Srel = f(λ)
Photocurrent / Open-Circuit Voltage 1) page 9
IP = f (Ee), λ = 870nm, VR = 5 V
Photocurrent 1) page 9
IP/IP25° = f (TA), λ = 870nm, VCE = 5 V
Power Consumption
Ptot = f(TA)
400
0
nm
%
OHF05547
20
40
60
80
100
λ
rel
S
10
30
50
70
500 600 700 800 900
1100
I
OHF05550
P
Ee
µA
mW/cm
10
-2
2
10
-2
10
-1
10
0
1
10
2
10
10
-1
1
10
-50
0.6
˚C
OHF05553
P rel
I
-25
0
25
50
100
A
T
0.7
0.8
0.9
1.0
1.1
1.2
0
0
P
OHF05548
tot
TA
mW
˚C
10
20
30
40
50
25
50
75
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com