Electronic Components Datasheet Search
  English  ▼

X  

MPQ6523 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ6523
Description  Triple Half-Bridge Motor Driver with Serial Input Control AEC-Q100 Qualified
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ6523 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ6523 Datasheet HTML 1Page - Monolithic Power Systems MPQ6523 Datasheet HTML 2Page - Monolithic Power Systems MPQ6523 Datasheet HTML 3Page - Monolithic Power Systems MPQ6523 Datasheet HTML 4Page - Monolithic Power Systems MPQ6523 Datasheet HTML 5Page - Monolithic Power Systems MPQ6523 Datasheet HTML 6Page - Monolithic Power Systems MPQ6523 Datasheet HTML 7Page - Monolithic Power Systems MPQ6523 Datasheet HTML 8Page - Monolithic Power Systems MPQ6523 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MPQ6523
– TRIPLE HALF-BRIDGE MOTOR DRIVER WITH SERIAL INPUT CONTROL
MPQ6523 Rev.1.01
www.MonolithicPower.com
4
9/5/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
7V < VVS < 28V, VVCC = 5V, TJ = -40°C to +125°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Operating supply current (VS)
IVS
VVS < 28V normal operation,
all output stages off
2.2
6
mA
VVS < 28V normal operation,
all output low stages on, no load
2.65
6
VVS < 28V normal operation,
all output high stages on, no load
2.7
6
Operating supply current (VCC)
IVCC
4.75V < VVCC < 5.25V, normal
operation
65
90
μA
Quiescent current (VS)
IVS
VVS = 28V, VVCC = 0V or VVCC =
5V, EN = low, or VVCC = 5V, bit
SE = low, output pins to VS and
GND
1.5
6
μA
Quiescent current (VCC)
IVCC
4.75V < VVCC < 5.25V, EN or bit
SE = low
23
35
μA
Discharge current (VS)
IVS
VVS = 40V, EN = low
3
mA
Internal oscillator frequency
fOSC
85
120
166
kHz
Power-on reset threshold
VVCC
2.3
2.6
3.0
V
Power-on reset delay
After switching on VVCC
30
100
190
μs
Under-voltage lockout threshold
rising
5.5
6.5
V
Under-voltage lockout threshold
hysteresis
0.6
V
Under-voltage lockout delay time
7
14
23
ms
Output Specification
HS + LS switch-on resistance
RDS(ON)
TJ = -40°C to +125°C
1.1
1.7
Ω
TJ = +150°C
(6)
2
Ω
Inductive shutdown energy
(7)
15
mJ
Over-current limit
IOCP
1
1.3
1.8
A
Over-current shutdown delay time
Bit14 (SCT) = low, VVS = 13V
0.1
0.21
0.3
ms
Bit14 (SCT) = high, VVS = 13V
0.28
0.53
0.72
Open-load detection current
Bit13 (OLD) = low, output off
1.4
1.9
2.4
mA
Output switch-on/-off delay
VVS = 13V, RLOAD = 50Ω
60
μs
OUTx rising time
VVS = 13V, 10% to 90% VOUT,
RLOAD = 50Ω
2
20
50
μs
OUTx falling time
VVS = 13V, 10% to 90% VOUT,
RLOAD = 50Ω
2
20
45
μs
Dead time
VVS = 13V, RLOAD = 50Ω
2
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com