Electronic Components Datasheet Search
  English  ▼

X  

MPQ6523 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ6523
Description  Triple Half-Bridge Motor Driver with Serial Input Control AEC-Q100 Qualified
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ6523 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ6523 Datasheet HTML 8Page - Monolithic Power Systems MPQ6523 Datasheet HTML 9Page - Monolithic Power Systems MPQ6523 Datasheet HTML 10Page - Monolithic Power Systems MPQ6523 Datasheet HTML 11Page - Monolithic Power Systems MPQ6523 Datasheet HTML 12Page - Monolithic Power Systems MPQ6523 Datasheet HTML 13Page - Monolithic Power Systems MPQ6523 Datasheet HTML 14Page - Monolithic Power Systems MPQ6523 Datasheet HTML 15Page - Monolithic Power Systems MPQ6523 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MPQ6523
– TRIPLE HALF-BRIDGE MOTOR DRIVER WITH SERIAL INPUT CONTROL
MPQ6523 Rev.1.01
www.MonolithicPower.com
13
9/5/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Table 2: Output Data Protocol
Bit
Input Register
Function
0
TP
Temperature pre-warning: high = warning (over-temperature shutdown see
remark below).
1
n. u.
Not used.
2
n. u.
Not used.
3
Status LS1
Normal operation: high = output is on, low = output is off. Open-load detection:
high = open load, low = no open load (correct load condition is detected if the
corresponding output is switched off).
4
Status HS1
Normal operation: high = output is on, low = output is off. Open-load detection:
high = open load, low = no open load (correct load condition is detected if the
corresponding output is switched off).
5
n. u.
Not used.
6
n. u.
Not used.
7
Status LS2
See LS1.
8
Status HS2
See HS1.
9
n. u.
Not used.
10
n. u.
Not used.
11
Status LS3
See LS1.
12
Status HS3
See HS1.
13
SCD
Short circuit detected. Set SCD high when at least one output is switched off by a
short-circuit condition.
14
EN
Enable. EN is controlled by software (bit SE in input register) and hardware
Enable (EN). Low = standby, high = normal operation.
15
PSF
Power supply fail. Under-voltage at VS detected.
NOTE: Bit0 to 15 = high: over-temperature shutdown.
Table 3: Status of the Input Register after Power-On Reset
Bit15
(SE)
Bit14
(SCT)
Bit13
(OLD)
Bit12
(HS3)
Bit11
(LS3)
Bit10
Bit9
Bit8
(HS2)
Bit7
(LS2)
Bit6
Bit5
Bit4
(HS1)
Bit3
(LS1)
Bit2
Bit1
Bit0
(SRR)
H
H
H
L
L
x
x
L
L
x
x
L
L
x
x
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com