Electronic Components Datasheet Search
  English  ▼

X  

LTC2345 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2345
Description  16-/18-Bit, Octal 200ksps, SAR ADC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2345 Datasheet(HTML) 3 Page - Linear Technology

  LTC2345 Datasheet HTML 1Page - Linear Technology LTC2345 Datasheet HTML 2Page - Linear Technology LTC2345 Datasheet HTML 3Page - Linear Technology LTC2345 Datasheet HTML 4Page - Linear Technology LTC2345 Datasheet HTML 5Page - Linear Technology LTC2345 Datasheet HTML 6Page - Linear Technology LTC2345 Datasheet HTML 7Page - Linear Technology LTC2345 Datasheet HTML 8Page - Linear Technology LTC2345 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
dc2326af
DEMO MANUAL DC2326A
Dc2326a setup
+
–
+
–
IN0
IN0+
IN0–
VCM
R107
0
U25B
LT6237IDD
U25A
LT6237IDD
C96
0.1µF
C94
1000pF
C98
OPT
C116
OPT
R129
1k
R108
49.9
R123
49.9
C104
0.1µF
VCC
VEE
R124
0
C100
OPT
C112
OPT
EN
C102
1000pF
dc2326 F02
R113
0
R119
1k
DC Power
TheDC2326Arequires±9VDCanddraws+145mA/–65mA.
Most of the supply current is consumed by the FPGA,
opamps, regulators and discrete logic on the board. The
±9VDC input voltage powers the ADC through LT1763
regulators which provide protection against accidental
reverse bias. Additional regulators provide power for the
FPGA and opamps.
Clock Source
You must provide a low jitter 2.5VP-P sine or square wave
to the clock input, J1. The clock input is AC coupled so the
DC level of the clock signal is not important. A generator
such as the Rohde & Schwarz SMB100A high speed clock
source is recommended to drive the clock input. Even a
good generator can start to produce noticeable jitter at
low frequencies. Therefore it is recommended for lower
sample rates to divide down a higher frequency clock to
the desired sample rate. The ratio of clock frequency to
conversion rate is shown in the Assembly Options table. If
theclockinputistobedrivenwithlogic,itisrecommended
that the 49.9Ω termination resistor (R4) be removed.
Driving R4 with discrete logic may result in slow rising
edges. These slow rising edges may compromise the SNR
of the converter in the presence of high-amplitude higher
frequency input signals.
Data Output
Parallel data output from this board (0V to 2.5V default),
if not connected to the DC890, can be acquired by a logic
analyzer,andsubsequentlyimportedintoaspreadsheet,or
mathematical package depending on what form of digital
signal processing is desired. Alternatively, the data can
be fed directly into an application circuit. Use pin 50 of
P1 to latch the data. The data should be latched using the
negative edge of this signal. The data output signal levels
at P1 can also be increased to 0V-3.3V if the application
circuit requires a higher voltage. This is accomplished by
moving JP2 to the 3.3V position.
Figure 2. 0V–4.096V Single-Ended to Fully Differential DC Coupled Driver



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com