Electronic Components Datasheet Search
  English  ▼

X  

LTC2345 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2345
Description  16-/18-Bit, Octal 200ksps, SAR ADC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2345 Datasheet(HTML) 5 Page - Linear Technology

  LTC2345 Datasheet HTML 1Page - Linear Technology LTC2345 Datasheet HTML 2Page - Linear Technology LTC2345 Datasheet HTML 3Page - Linear Technology LTC2345 Datasheet HTML 4Page - Linear Technology LTC2345 Datasheet HTML 5Page - Linear Technology LTC2345 Datasheet HTML 6Page - Linear Technology LTC2345 Datasheet HTML 7Page - Linear Technology LTC2345 Datasheet HTML 8Page - Linear Technology LTC2345 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
dc2326af
DEMO MANUAL DC2326A
Dc2326a setup
Layout
As with any high performance ADC, this part is sensitive
to layout. The area immediately surrounding the ADC on
the DC2326A should be used as a guideline for placement,
and routing of the various components associated with
the ADC. Here are some things to remember when laying
out a board for the LTC2345. A ground plane is necessary
to obtain maximum performance. Keep bypass capacitors
as close to supply pins as possible. Use individual low
impedance returns for all bypass capacitors. Use of a
symmetrical layout around the analog inputs will minimize
theeffectsofparasiticelements.Shieldanaloginputtraces
with ground to minimize coupling from other traces. Keep
traces as short as possible.
Component Selection
When driving a low noise, low distortion ADC such as the
LTC2345, component selection is important so as to not
degrade performance. Resistors should have low values
to minimize noise and distortion. Metal film resistors are
recommended to reduce distortion caused by self heat-
ing. Because of their low voltage coefficients, to further
reduce distortion NPO or silver mica capacitors should be
used. Any buffer used to drive the LTC2345 should have
low distortion, low noise and a fast settling time such as
the LT1355.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com