Electronic Components Datasheet Search
  English  ▼

X  

LTC2372 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2372
Description  16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2372 Datasheet(HTML) 1 Page - Linear Technology

  LTC2372 Datasheet HTML 1Page - Linear Technology LTC2372 Datasheet HTML 2Page - Linear Technology LTC2372 Datasheet HTML 3Page - Linear Technology LTC2372 Datasheet HTML 4Page - Linear Technology LTC2372 Datasheet HTML 5Page - Linear Technology LTC2372 Datasheet HTML 6Page - Linear Technology LTC2372 Datasheet HTML 7Page - Linear Technology LTC2372 Datasheet HTML 8Page - Linear Technology LTC2372 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
dc2071afc
DEMO MANUAL DC2071A
DESCRIPTION
LTC2374/LTC2373/LTC2372
16-Bit/18-Bit, 1.6Msps/1Msps/500ksps
8-Channel, SAR ADCs
Demonstrationcircuit2071AfeaturestheLTC®2373family.
TheLTC2374/LTC2373/LTC2372arelownoise,highspeed,
8-channel, 16-/18-bit successive approximation register
(SAR) ADCs. The following text refers to the LTC2373-18
but applies to all parts in the family, the only differences
being the number of bits and the maximum sample rate.
Operating from a single 5V supply, the LTC2373-18 has a
highly configurable, low crosstalk, 8-channel input multi-
plexer,supportingfullydifferential,pseudo-differentialuni-
polar and pseudo-differential bipolar analog input ranges.
The DC2071 demonstrates the DC and AC performance of
theLTC2373-18inconjunctionwiththeDC590andDC890
data collection boards. Use the DC590 to demonstrate DC
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
QuikEval and PScope are trademarks of Linear Technology Corporation. All other trademarks are
the property of their respective owners.
performance such as peak-to-peak noise and DC linearity.
Use the DC890 if precise sampling rates are required or to
demonstrate AC performance such as SNR, THD, SINAD
and SFDR. The demonstration circuit 2071 is intended to
demonstraterecommendedgrounding,componentplace-
ment and selection, routing and bypassing for this ADC.
Several suggested driver circuits for the analog inputs
will be presented.
Design files for this circuit board, including the
schematic and BOM, are available at
http://www.linear.com/demo/DC2071A
ASSEMBLY OPTIONS
Table 1. DC2071A Assembly Options
Assembly Version
U1 Part Number
Max Conversion Rate
Number of Bits
Max CLK IN Frequency
DC2071A-A
LTC2373CUH-18
1Msps
18
62MHz
DC2071A-B
LTC2372CUH-18
0.5Msps
18
31MHz
DC2071A-C
LTC2374CUH-16
1.6Msps
16
86.4MHz
DC2071A-D
LTC2373CUH-16
1Msps
16
50MHz
DC2071A-E
LTC2372CUH-16
0.5Msps
16
25MHz


Similar Part No. - LTC2372

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2372-16 LINER-LTC2372-16 Datasheet
2Mb / 50P
16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
LTC2372-16 LINER-LTC2372-16_15 Datasheet
2Mb / 50P
16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
LTC2372-18 LINER-LTC2372-18 Datasheet
2Mb / 40P
16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2372-18 LINER-LTC2372-18 Datasheet
2Mb / 40P
18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2372-18 LINER-LTC2372-18 Datasheet
1Mb / 40P
Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC2372

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
12-Bit, 1MSPS SAR ADCs
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Linear Technology
LTC2338 LINER-LTC2338 Datasheet
8Mb / 12P
18-Bit/16-Bit,1Msps/500ksps/250ksps True Bipolar Low Power, Single Supply ADCs
LTC2370 LINER-LTC2370 Datasheet
2Mb / 14P
LTC2367/LTC2364: 18-Bit/16-Bit, 2Msps/1.6Msps/1Msps/ 500ksps/250ksps Low Power, Low Noise ADCs
LTC2335 LINER-LTC2335 Datasheet
5Mb / 10P
16-/18-Bit, Octal 1Msps, SAR ADC
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
12-Bit, 1MSPS SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com