Electronic Components Datasheet Search
  English  ▼

X  

LTC2372 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2372
Description  16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2372 Datasheet(HTML) 3 Page - Linear Technology

  LTC2372 Datasheet HTML 1Page - Linear Technology LTC2372 Datasheet HTML 2Page - Linear Technology LTC2372 Datasheet HTML 3Page - Linear Technology LTC2372 Datasheet HTML 4Page - Linear Technology LTC2372 Datasheet HTML 5Page - Linear Technology LTC2372 Datasheet HTML 6Page - Linear Technology LTC2372 Datasheet HTML 7Page - Linear Technology LTC2372 Datasheet HTML 8Page - Linear Technology LTC2372 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
dc2071afc
DEMO MANUAL DC2071A
DC890 QUICK START PROCEDURE
Check to make sure that all switches and jumpers are
set as shown in the connection diagram of Figure 1. The
default connections configure the ADC to use the onboard
referenceandregulatorstogeneratetherequiredcommon
mode voltages. The analog input is DC coupled. Connect
the DC2071A to a DC890 USB High Speed Data Collec-
tion Board using connector P1. Then, connect the DC890
to a host PC with a standard USB A/B cable. Apply ±16V
to the indicated terminals. Then apply a low jitter signal
source to J2–J7. Observe the recommended input voltage
range for each analog input. Connect a low jitter 2.5VPP
sine wave or square wave to connector J1. See Table 1
for the appropriate clock frequency. Note that J1 has a
50Ω termination resistor to ground.
Run the PScope™ software (Pscope.exe version K88 or
later) which can be downloaded from www.linear.com/
designtools/software.
Complete software documentation is available from the
Help menu. Updates can be downloaded from the Tools
menu. Check for updates periodically as new features
may be added.
The PScope software should recognize the DC2071A and
configure itself automatically.
Click the Collect button (See Figure 7) to begin acquiring
data. The Collect button then changes to Pause, which
can be clicked to stop data acquisition.
DC590 QUICK START PROCEDURE
IMPORTANT! To avoid damage to the DC2071A,
make sure that VCCIO (JP6) of the DC590 is set to
3.3V before connecting the DC590 to the DC2071A.
To use the DC590 with the DC2071A, it is necessary to
apply ±16V and ground to the ±16V and GND terminals
on the DC2071A. Connect the DC590 to a host PC with a
standard USB A/B cable. Connect the DC2071A to a DC590
USB serial controller using the supplied 14-conductor
ribbon cable. Apply a signal source to J2-J7. No clock
is required on J1 when using the DC590. The clock is
provided by the DC590.
Run the QuikEval™ software (quikeval.exe version K109
or later) which is available from www.linear.com/design-
tools/software. The correct control panel will be loaded
automatically. Click the Collect button (Figure 10) to begin
reading the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com