Electronic Components Datasheet Search
  English  ▼

X  

LTC2875 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2875
Description  짹60V Fault Protected 3.3V or 5V High Speed CAN Transceiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2875 Datasheet(HTML) 1 Page - Linear Technology

  LTC2875 Datasheet HTML 1Page - Linear Technology LTC2875 Datasheet HTML 2Page - Linear Technology LTC2875 Datasheet HTML 3Page - Linear Technology LTC2875 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
dc2063af
DEMO MANUAL DC2063A
Description
LTC2875
±60V Fault Protected 3.3V or 5V
High Speed CAN Transceiver
Demonstration circuit 2063A is a robust high speed, low
power, ISO 11898-2 compliant CAN transceiver featuring
the LTC®2875. The demo circuit operates on 3.3V or 5V
suppliesandfeatures±60Vovervoltagefaultprotectionon
the data transmission lines during all modes of operation.
The demo circuit contains all the components necessary
to demonstrate the features of the LTC2875 in a CAN
network, including a terminated SMB jack for TXD data
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
performance summary
operating principles
input, jumper selectable CAN bus termination (supporting
either single or split termination configurations), and a
jumper selectable variable slew rate control.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2063A
Specifications are at TA = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Input Supply Range
3.3V VCC Range
3.0
3.3
3.6
V
5V VCC Range
4.5
5.0
5.5
V
fMAX
Maximum Data Rate
JP3 in ‘MAX’ position
4
Mbps
Interface I/O: CANH, CANL
–60
60
V
Bus Differential Voltage (CANH-CANL)
JP2 in ‘SINGLE’ or ‘SPLIT’ position
10
V
The LTC2875 is enabled by pulling the RS pin low. The
slew rate of the transmitter can be controlled by pulling RS
low with a resistor ≤ 200kΩ, with the slew rate decreasing
with increasing resistor value. The DC2063A provides two
jumper positions to enable the LTC2875. With a jumper
in the JP3:MAX position, the RS pin is grounded and the
LTC2875operatesatitsmaximumslewrate.Withajumper
in the JP3:ADJ position, the transmitter slew rate can be
varied from its minimum to maximum using 200kΩ vari-
able resistor RV1. When no jumper is placed on JP3, the
RS pin in the LTC2875 is pulled up by an internal 250kΩ
resistor, putting the chip in the shut-down state.
ThedatainputsignalcanbeappliedtotheLTC2875TXDpin
through either the TXD turret or the SMB jack J1. To apply
the TXD signal through the SMB jack J1, place a jumper
on the JP1:SMB position. The SMB input is terminated to
GNDbya50Ωresistor.ToapplytheTXDsignalthroughthe
TXD turret, place a jumper on the JP1:TURRET position.
The TXD turret input contains a 100Ω series resistor but is
not terminated. Jumpers may be applied to both JP1:SMB
and JP1:TURRET to enable applying a signal from a pulse
generator through the SMB jack J1 and monitoring the
signal with a scope probe on the TXD turret.


Similar Part No. - LTC2875

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2875 LINER-LTC2875_15 Datasheet
302Kb / 20P
60V Fault Protected 3.3V or 5V 25kV ESD High Speed CAN Transceiver
More results

Similar Description - LTC2875

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1796 LINER-LT1796 Datasheet
153Kb / 8P
Overvoltage Fault Protected CAN Transceiver
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
Overvoltage Fault Protected CAN Transceiver
LTC2875 LINER-LTC2875_15 Datasheet
302Kb / 20P
60V Fault Protected 3.3V or 5V 25kV ESD High Speed CAN Transceiver
logo
Maxim Integrated Produc...
MAX3054 MAXIM-MAX3054_14 Datasheet
1Mb / 18P
±80V Fault-Protected/Tolerant CAN Transceiver
Rev 1; 9/14
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
Fault Protected CAN Transceiver with CAN FD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com