Electronic Components Datasheet Search
  English  ▼

X  

LTC2875 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2875
Description  짹60V Fault Protected 3.3V or 5V High Speed CAN Transceiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2875 Datasheet(HTML) 3 Page - Linear Technology

  LTC2875 Datasheet HTML 1Page - Linear Technology LTC2875 Datasheet HTML 2Page - Linear Technology LTC2875 Datasheet HTML 3Page - Linear Technology LTC2875 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
dc2063af
DEMO MANUAL DC2063A
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
parts list
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
1
U1
IC, CAN Transceiver
LINEAR LTC2875IDD
Hardware/Components (For Demo Board Only)
2
1
C1
Capacitor, 2.2µF, 10%, 0603, 10V, X7R
Murata/GRM188R71A225KE15D
3
1
C2
Capacitor, 4700pF 20% 0603, 100V, X7R
AVX/06031C472MAT2A
4
1
C3
Capacitor, Tantalum, 6.8µF, 10%, 3216, 16V
AVX/TAJA685K016RNJ
5
2
E1, E2
Turret
Mill Max/2308-2-00-80-00-00-07-0
6
2
E3, E4
Turret
Mill Max/2501-2-00-80-00-00-07-0
7
1
J1
Connector, SMB Male Jack, Straight, 50Ω
Amphenol/142138
8
1
J2
Terminal Block, 3 Position, Side Entry 3.5mm
TE Connectivity/284391-3
9
3
JP1-3
Header, 2 x 2 0.1"
Samtec/TSW-102-07-G-D
10
1
R1
Resistor, 49.9Ω, 1%, 1210
Panasonic/ERJ-14NF49R9U
11
1
R2
Resistor, 100Ω, 5%, 1206
AAC/CR10-101JM
12
2
R3, R4
Resistor 60.4Ω, 1%, 1210
Vishay/CRCW121060R4FKEA
13
1
RV1
Trimmer, 200kΩ, 1-Turn
Panasonic/EVM-3VSX50B25
14
4
Standoff, Snap-on
Keystone/8833
schematic Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com