Electronic Components Datasheet Search
  English  ▼

X  

MA784 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA784
Description  Schottky Barrier Diodes (SBD)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA784 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA784 Datasheet HTML 1Page - Panasonic Semiconductor MA784 Datasheet HTML 2Page - Panasonic Semiconductor MA784 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diodes (SBD)
1
Publication date: August 2001
SKH00037AED
MA2Z784 (MA784)
Silicon epitaxial planar type
For super high speed switching
For small current rectification
I Features
• High-density mounting is possible
• I
F(AV) = 100 mA rectification is possible
• Optimum for high frequency rectification because of its short
reverse recovery time (trr)
• Low forward voltage V
F and good rectification efficiency
• S-Mini type 2-pin package
I Absolute Maximum Ratings T
a
= 25°C
Marking Symbol: 2D
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
30
V
Repetitive peak reverse-voltage
VRRM
30
V
Peak forward current
IFM
300
mA
Average forward current
IF(AV)
100
mA
Non-repetitive peak forward-s
IFSM
1A
surge-current *
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 30 V
15
µA
Forward voltage (DC)
VF
IF
= 100 mA
0.55
V
Terminal capacitance
Ct
VR
= 0 V, f = 1 MHz
20
pF
Reverse recovery time *
trr
IF
= I
R
= 100 mA
2.0
ns
Irr
= 10 mA, R
L
= 100 Ω
I Electrical Characteristics T
a = 25°C
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
Wave Form Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 100 mA
I
R = 100 mA
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 10 mA
t
r
t
p
t
rr
V
R
I
F
t
t
A
Unit: mm
1 : Anode
2 : Cathode
EIAJ : SC-90A
SMini2-F1 Package
5
°
1.25±0.1
0.7±0.1
0.16
0.5±0.1
1
2
+0.1
–0.06
0.35±0.1
0 to 0.1
Note) *: The peak-to-peak value in one cycle of 50 Hz sine wave (non-repetitive)
Note) 1. This product is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body
and the leakage of current from the operating equipment.
2. Rated input/output frequency: 250 MHz
3. *: trr measuring instrument
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - MA784

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MA780 MPS-MA780 Datasheet
1Mb / 32P
8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
Rev. 1.2 8/30/2021
MA780GQ MPS-MA780GQ Datasheet
1Mb / 32P
8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
Rev. 1.2 8/30/2021
MA780GQ-Z MPS-MA780GQ-Z Datasheet
1Mb / 32P
8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
Rev. 1.2 8/30/2021
logo
Panasonic Semiconductor
MA781 PANASONIC-MA781 Datasheet
77Kb / 3P
Silicon epitaxial planar type
logo
Murata Manufacturing Co...
MA78101BAN MURATA-MA78101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA784

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2D760 PANASONIC-MA2D760 Datasheet
37Kb / 2P
Schottky Barrier Diodes (SBD)
MA2H736 PANASONIC-MA2H736 Datasheet
43Kb / 2P
Schottky Barrier Diodes (SBD)
MA2P701 PANASONIC-MA2P701 Datasheet
48Kb / 2P
Schottky Barrier Diodes (SBD)
MA2Q705 PANASONIC-MA2Q705 Datasheet
44Kb / 2P
Schottky Barrier Diodes (SBD)
MA2YD15 PANASONIC-MA2YD15 Datasheet
64Kb / 3P
Schottky Barrier Diodes (SBD)
MA704WA PANASONIC-MA704WA Datasheet
64Kb / 3P
Schottky Barrier Diodes (SBD)
MA10704 PANASONIC-MA10704 Datasheet
76Kb / 3P
Schottky Barrier Diodes (SBD)
MA27784 PANASONIC-MA27784 Datasheet
84Kb / 3P
Schottky Barrier Diodes (SBD)
MA3SE02 PANASONIC-MA3SE02 Datasheet
61Kb / 3P
Schottky Barrier Diodes (SBD)
MA2SE01 PANASONIC-MA2SE01 Datasheet
74Kb / 3P
Schottky Barrier Diodes (SBD)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com