Electronic Components Datasheet Search
  English  ▼

X  

MA784 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA784
Description  Schottky Barrier Diodes (SBD)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA784 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA784 Datasheet HTML 1Page - Panasonic Semiconductor MA784 Datasheet HTML 2Page - Panasonic Semiconductor MA784 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
MA2Z784
SKH00037AED
IF  VF
IR  VR
VF  Ta
IR  Ta
Ct  VR
10−2
0
0.1
0.2
0.3
0.4
0.5
0.6
10−1
1
10
102
103
Forward voltage V
F (V)
Ta
= 125°C
−20°C
75
°C 25°C
10−1
0
5
10
15
20
25
30
1
10
102
103
104
Reverse voltage V
R (V)
Ta
= 125°C
75
°C
25
°C
0
0.2
0.4
0.6
0.8
1.0
−40
0
40
80
120
160
200
Ambient temperature T
a (°C)
IF
= 100 mA
10 mA
3 mA
10−1
−40
0
40
80
120
160
200
1
10
102
103
104
Ambient temperature T
a (°C)
VR
= 30 V
3 V
1 V
0
24
20
16
12
8
4
0
5
10
15
20
25
30
Reverse voltage V
R (V)
f
= 1 MHz
Ta
= 25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com