Electronic Components Datasheet Search
  English  ▼

X  

RM3010 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RM3010
Description  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM3010 Datasheet(HTML) 1 Page - Rectron Semiconductor

  RM3010 Datasheet HTML 1Page - Rectron Semiconductor RM3010 Datasheet HTML 2Page - Rectron Semiconductor RM3010 Datasheet HTML 3Page - Rectron Semiconductor RM3010 Datasheet HTML 4Page - Rectron Semiconductor RM3010 Datasheet HTML 5Page - Rectron Semiconductor RM3010 Datasheet HTML 6Page - Rectron Semiconductor RM3010 Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N-Channel Enhancement Mode Power MOSFET
Description
The RM3010 uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It
can be used in a wide variety of applications.
General Features
VDS =30V,ID =10A
RDS(ON) < 12m
@ VGS=10V
RDS(ON) <16m
@ VGS=4.5V
High density cell design for ultra low Rdson
Fully characterized Avalanche voltage and current
Application
Power switching application
Hard Switched and High Frequency Circuits
Uninterruptible Power Supply
Schematic diagram
Marking and pin assignment
SOP-8 top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
3010
RM3010
SOP-8
Ø330mm
12mm
2500 units
Absolute Maximum Ratings (TA=25
unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
10
A
Drain Current-Continuous(TC=100
)
ID (100
)
6
A
Pulsed Drain Current
IDM
50
A
Maximum Power Dissipation
PD
2.5
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
Thermal Characteristic
Thermal Resistance,Junction-to-Case
(Note 2)
R JC
50
/W
RM3010
2016-09
REV:O15


Similar Part No. - RM3010

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM3010S6 RECTRON-RM3010S6 Datasheet
576Kb / 7P
N-Channel Enhancement Mode Power MOSFET
REV:A 2021-11/15
More results

Similar Description - RM3010

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com