Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2984
Description  Digital Temperature Measurement System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2984 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2984 Datasheet HTML 9Page - Linear Technology LTC2984 Datasheet HTML 10Page - Linear Technology LTC2984 Datasheet HTML 11Page - Linear Technology LTC2984 Datasheet HTML 12Page - Linear Technology LTC2984 Datasheet HTML 13Page - Linear Technology LTC2984 Datasheet HTML 14Page - Linear Technology LTC2984 Datasheet HTML 15Page - Linear Technology LTC2984 Datasheet HTML 16Page - Linear Technology LTC2984 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
dc2420f
DEMO MANUAL DC2420
HarDware setup
DC2213 DEDiCaTED rTD BoarD
The DC2213 dedicated RTD board (see Figure 12) dem-
onstrates the flexibility, accuracy, and low noise features
of the LTC2984 RTD sensor modes. The DC2213 provides
severalcircuitsdemonstratingthefeaturesoftheLTC2984.
The DC2213 (see schematic diagram Figure 13 and cor-
responding software configuration Figure 14) provides a
2kΩ ±0.1% 10ppm/°C sense resistor on channels 2 and
3 which may be used with any of the RTD sensor circuits
on this board. An additional Kelvin connection is also
provided to this sense resistor on channel 1. The precise
measured value of this sense resistor is stored in an on-
board EEPROM which the LTC2984 demo software can
read and use to configure the sense resistor value.
To demonstrate the low system noise of the LTC2984,
the dedicated RTD board provides a 0°C PT100 simulator
(100Ω ±0.01% 10ppm/°C) on channels 3 to 6 configured
as a 4-wire sensor. In addition to this the user may use this
circuit to demonstrate how the rotated mode eliminates
measurementerrorintroducedbyparasiticthermocouples.
To facilitate this measurement, the DC2213 provides an
external thermocouple interface which acts as a parasitic
thermocouple.
TO DC2399
DEMONSTRATION
BOARD
JUMPER
BYPASS/ENABLE
PARASITIC
THERMOCOUPLE
PARASITIC
THERMOCOUPLE
3-WIRE OR 4-WIRE
RTD
Figure 12. DC2213 Dedicated rTD Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com