Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2984
Description  Digital Temperature Measurement System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2984 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2984 Datasheet HTML 14Page - Linear Technology LTC2984 Datasheet HTML 15Page - Linear Technology LTC2984 Datasheet HTML 16Page - Linear Technology LTC2984 Datasheet HTML 17Page - Linear Technology LTC2984 Datasheet HTML 18Page - Linear Technology LTC2984 Datasheet HTML 19Page - Linear Technology LTC2984 Datasheet HTML 20Page - Linear Technology LTC2984 Datasheet HTML 21Page - Linear Technology LTC2984 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
20
dc2420f
DEMO MANUAL DC2420
parts List
iTEM
QTY rEFErEnCE
parT DESCripTion
ManuFaCTurEr/parT nuMBEr
DC2399 required Circuit Components
1
21
C1-C21
CAP., NP0, 100pF 100V, 5%, 0603
MURATA, GRM1885C2A101JA01D
2
7
C22, C24, C25, C30,
C31, C33, C34
CAP., X7R, 10µF 10V, 10%, 0805
MURATA, GRM21BR71A106KE51L
3
7
C23, C26, C27, C28,
C29, C32, C35
CAP., X7R, 0.1µF 25V, 10%, 0603
MURATA, GRM188R71E104KA01D
4
4
E1, E2, E3, E4
TURRET, TESTPOINT 0.064"
MILL-MAX, 2308-2-00-80-00-00-07-0
5
1
J1
CONN., 40P, CON-HIROSE-FX2-40P-1.27DS
HIROSE, FX2-40P-1.27DS
6
1
J2
CONN., HEADER 14POS 2MM VERT GOLD
MOLEX, 87831-1420
7
1
R1
RES., CHIP, 1Ω, 1/10W, 5% 0603
VISHAY, CRCW06031R00FJEA
8
1
R2
RES., CHIP, 100k, 1/10W, 1% 0603
VISHAY, CRCW0603100KFKEA
9
3
R3, R4, R5
RES., CHIP, 4.99k, 1/10W, 1% 0603
VISHAY, CRCW06034K99FKEA
10
1
U1
I.C., LTC2984CLX, LQFP48LX-7X7
LINEAR TECH., LTC2984CLX
11
1
U2
I.C., 24LC025-I/ST, TSSOP8
MICROCHIP, 24LC025-I/ST
12
2
MH1, MH2
STANDOFF, NYLON, 0.25", 1/4"
KEYSTONE, 8831 (SNAP ON)
DC2210 required Circuit Components
1
1
C1
CAP., X7R, 0.1µF 25V, 10%, 0603
MURATA, GRM188R71E104KA01D
2
1
J1
CONN., 40P, CON-HIROSE-FX2-40S-DAUGHTER
HIROSE, FX2-40S-1.27DS(71)
3
2
J2, J3
CONN., TERM BLOCK 2.54MM 12POS
PHOENIX, 1725753
4
0
R1, R2
RES., 0603
OPT
5
1
R3
RES., CHIP, 4.99k, 1/10W, 1% 0603
PANASONIC, ERJ-3EKF4991V
6
1
U1
I.C., EEPROM 2KBIT 400KHz 8TSSOP
MICROCHIP, 24LC025-I/ST
7
4
MH1-MH4
STANDOFF, NYLON, 0.25", 1/4"
KEYSTONE, 8831 (SNAP ON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com