Electronic Components Datasheet Search
  English  ▼

X  

MP5006 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5006
Description  5V, 1A- 5A Programmable Current Limit Switch with Slew Rate Control and Auto Enable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5006 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5006 Datasheet HTML 1Page - Monolithic Power Systems MP5006 Datasheet HTML 2Page - Monolithic Power Systems MP5006 Datasheet HTML 3Page - Monolithic Power Systems MP5006 Datasheet HTML 4Page - Monolithic Power Systems MP5006 Datasheet HTML 5Page - Monolithic Power Systems MP5006 Datasheet HTML 6Page - Monolithic Power Systems MP5006 Datasheet HTML 7Page - Monolithic Power Systems MP5006 Datasheet HTML 8Page - Monolithic Power Systems MP5006 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP5006 – 5V, 1A- 5A PROGRAMMABLE CURRENT LIMIT SWITCH WITH AUTO ENABLE
MP5006 Rev.0.92
www.MonolithicPower.com
4
12/27/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1-5
VOUT
This pin is the VOUT of the internal power FET and the output terminal of the IC.
6
+ILIMIT
A resistor between these pins sets the overload and short circuit current limit levels.
7
-ILIMIT
A resistor between these pins sets the overload and short circuit current limit levels.
8
Enable/Fault
The Enable/Fault pin is a bi-directional interface. It can be used to enable the output
of the device by floating the pin, or disable the chip by pulling it to ground (using an
open drain or open collector device). If a thermal fault occurs, the voltage on this pin
will drive to ground, automatically.
9
dv/dt
The internal dv/dt circuit controls the slew rate of the output voltage at turn on. It has
an internal capacitor that allows it to ramp up over the period of 1.1ms. An external
capacitor can be added to this pin to increase the ramp time. If an additional time
delay is not required, this pin should be left open.
10
GND
Negative Input Voltage to the Device. This is used as the internal reference for the IC.
11
VIN
Positive input voltage to the device (Exposed Pad).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com