Electronic Components Datasheet Search
  English  ▼

X  

MP5006 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5006
Description  5V, 1A- 5A Programmable Current Limit Switch with Slew Rate Control and Auto Enable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5006 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5006 Datasheet HTML 5Page - Monolithic Power Systems MP5006 Datasheet HTML 6Page - Monolithic Power Systems MP5006 Datasheet HTML 7Page - Monolithic Power Systems MP5006 Datasheet HTML 8Page - Monolithic Power Systems MP5006 Datasheet HTML 9Page - Monolithic Power Systems MP5006 Datasheet HTML 10Page - Monolithic Power Systems MP5006 Datasheet HTML 11Page - Monolithic Power Systems MP5006 Datasheet HTML 12Page - Monolithic Power Systems MP5006 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MP5006 – 5V, 1A- 5A PROGRAMMABLE CURRENT LIMIT SWITCH WITH AUTO ENABLE
MP5006 Rev.0.92
www.MonolithicPower.com
12
12/27/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
At time T5 the power device turns off and the
Enable/Fault pin is driven to the low level, again.
The temperature begins to fall.
The cycle between times T3, T4 and T5 could
repeat indefinitely, but at time T6 the short is
removed. At time T7 the die temperature is below
the thermal hysteresis level and the part turns on
once again. This time there is no short, so the
output starts in normal operation and the die
temperature cools down to the normal operating
range.
UNDER VOLTAGE LOCK OUT OPERATION
If the supply (input) is below the UVLO threshold,
the output is disabled, and the fault line is driven
low.
When the supply goes above the UVLO
threshold, the output is enabled and the
Enable/fault
pin
is
released.
When
the
Enable/fault pin is released it will be pulled high
by a 25uA current VOUT. No external pull up
resistor is required. In addition, the pull up
voltage is limited to 5 volts.
PCB LAYOUT
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take below Figure for reference.
Place Rlimit close to Ilimit pin, Cdv/dt close to
dv/dt pin and input cap close to VIN (Exposed
Pad). Keep the N/C pin float. Put vias in thermal
pad and ensure enough copper area near VIN
and VOUT to achieve better thermal performance.
Top Layer
Bottom Layer
Figure 4―PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com