Electronic Components Datasheet Search
  English  ▼

X  

SC5260 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC5260
Description  REMOTE CONTROL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5260 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC5260 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5260 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5260 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5260 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5260 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5260 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5260 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5260 Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Silan
Semiconductors
SC5260
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
1
REMOTE CONTROL ENCODER
DESCRIPTION
The SC5260 is a remote control encoder paired with either
SC5260 or SC5272 utilizing COMS Technology. It encodes data and
address pins into a serial coded waveform suitable for RF
modulation. SC5260 has a maximum of 10 bits tri-state address
pins providing up to 59,049 (or 310) address codes; thereby,
drastically reducing any code collision and unauthorized code
scanning possibilities.
SC 5260 is o n e o f t h e f i r s t generat ion o f E nc oder/
Decoder ICs. When paired with SC5270, this encoder/decoder
(SC5260/SC5270) pair can operate at very wide temperature range
(see Features). Thus, this very important feature enables your
Encoder/Decoder
to
operate
under
the
worst
environmental
condition.
FEATURES
* High Performance Technology
* Low Power Consumption
* Very High Noise Immunity
* Wide Operating Temperature Range: -30
°C~ 70°C
* 8 or 10 Tri-State Code Address Pins
* Single Resistor Oscillator
* Least External Components
DIP-16
SOP-16
APPLICATIONS
* Home/Car Security System
* Garage Door Controller
* Remote Fan Controller
* Remote Control Toys
ODERING INFORMATION
SC5260-R4 (S)
16 Pins, DIP (SO)
SC5260-R2 (S)
16 Pins, DIP (SO)


Similar Part No. - SC5260

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SC526-50 HAMMOND-SC526-50 Datasheet
689Kb / 1P
FRABS DESKTOP/WALL MOUNT/IOT IND
REV: 20.01.2023
logo
Toshiba Semiconductor
SC5262 TOSHIBA-SC5262 Datasheet
99Kb / 2P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
REMOTE CONTROL ENCODER
SC5262-IR SILAN-SC5262-IR Datasheet
168Kb / 10P
REMOTE CONTROL ENCODER
SC5262-RF SILAN-SC5262-RF Datasheet
168Kb / 10P
REMOTE CONTROL ENCODER
More results

Similar Description - SC5260

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
Remote Control Encoder
2nd Oct 97
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
REMOTE CONTROL ENCODER
SC2268 SILAN-SC2268 Datasheet
104Kb / 6P
REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260_06 Datasheet
302Kb / 16P
Remote Control Encoder
PT2262 PTC-PT2262_08 Datasheet
462Kb / 20P
Remote Control Encoder
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026_09 Datasheet
112Kb / 12P
Remote Control Encoder
February 20, 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com