Electronic Components Datasheet Search
  English  ▼

X  

SC5260 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC5260
Description  REMOTE CONTROL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5260 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC5260 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5260 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5260 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5260 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5260 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5260 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5260 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5260 Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Silan
Semiconductors
SC5260
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
5
2) Code Word
A group of Code Bits is called a Code Word. A Code Word consists of 12 AD bits followed by one Sync Bit. The
12 AD bits are determined by the corresponding states of A0~A7, A8/D3, A9/D2, D1 and D0 pins at the time of
transmission. When the Data Type of SC5260 is used, the address bits will decrease accordingly.
For example: In the 4-Data Type where the address has eight (8) bits, the transmitting format is:
8 Address Bits
4Data Bits
Sync. Bit
SC5260 has a maximum of ten (10) Address Bits. The following diagram shows the code bits with their
corresponding pins.
A0
A1
A2
A3
A4
A5
A6
A7
A8/
D3
A9/
D2
D1
D0
SYNC BIT
First Bit Transmitted
One Complete Code Word
2 Data:
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
D1
D0
Sync Bit
4 Data:
A0
A1
A2
A3
A4
A5
A6
A7
D3
D2
D1
D0
Sync Bit
The Code Bits A0~A7, A8/D3, A9/D2, D1 and D0 are determined by the states set at these pins. For example,
when the A0 (Pin No.1) is set to “1” (VCC), the Code Bit A0 is synthesized as “1” bit. In the same manner, when it
(A0 Pin) is set to “0” (VSS) or left floating, the Code Bit A0 is synthesized as a “0” or “f” bit respectively.
When SC5260 detects “1” on any of the Data Pins, it outputs a Code Word at DOUT. If the Data Pin is still in
high state (“1”) the time the Code Word transmission ends, SC5260 outputs the same Code Word. Please refer
to the diagram below:
1 Code Word
1 Code Word 1 Code Word 1 Code Word
DATA PIN
DOUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com