Electronic Components Datasheet Search
  English  ▼

X  

STLC2411 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC2411
Description  BLUETOOTH BASEBAND
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2411 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC2411 Datasheet HTML 2Page - STMicroelectronics STLC2411 Datasheet HTML 3Page - STMicroelectronics STLC2411 Datasheet HTML 4Page - STMicroelectronics STLC2411 Datasheet HTML 5Page - STMicroelectronics STLC2411 Datasheet HTML 6Page - STMicroelectronics STLC2411 Datasheet HTML 7Page - STMicroelectronics STLC2411 Datasheet HTML 8Page - STMicroelectronics STLC2411 Datasheet HTML 9Page - STMicroelectronics STLC2411 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
STLC2411
6/25
Table 9. STLC2411 Pin List
Name
Pin #
Description
DIR
PU/PD
VDD
PAD
Interface to external memory (supports up to 2 Mbyte Flash and byte access for up to1 Mbyte RAM.)
int1
D2
External Interrupt used also as external wakeup
I
(1)
V1
CMOS, 3.3V TTL
compatible
schmitt trigger
int2
D1
Second external interrupt
I
(1)
boot
G14
Select external boot from EMI or internal from ROM
I
(1)
V2
CMOS 1.8V
wait
H12
EMI external wait signal (left open)
I
PD
rdn
P1
External read
O
V2
CMOS 1.8V
4mA
slew rate control
wrn
N2
External write
O
csn0
P2
External chip select bank 0
O
csn1
M3
External chip select bank 1
O
csn2
N3
External chip select bank 2
O
addr0
P3
External address bit 0
O
addr1
P4
External address bit 1
O
addr2
M5
External address bit 2
O
addr3
N5
External address bit 3
O
addr4
P5
External address bit 4
O
addr5
M6
External address bit 5
O
addr6
N6
External address bit 6
O
addr7
P6
External address bit 7
O
addr8
P7
External address bit 8
O
addr9
N7
External address bit 9
O
addr10
M7
External address bit 10
O
addr11
P8
External address bit 11
O
addr12
N8
External address bit 12
O
addr13
M8
External address bit 13
O
addr14
P9
External address bit 14
O
addr15
P10
External address bit 15
O
addr16
N10
External address bit 16
O
addr17
M10
External address bit 17
O
addr18
P11
External address bit 18
O
addr19
N11
External address bit 19
O
data0
M11
External data bit 0
I/O
PD
V2
CMOS 1.8V 4mA
slew rate control
data1
P12
External data bit 1
I/O
PD
data2
N12
External data bit 2
I/O
PD
data3
P14
External data bit 3
I/O
PD
data4
N13
External data bit 4
I/O
PD
data5
N14
External data bit 5
I/O
PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com