Electronic Components Datasheet Search
  English  ▼

X  

STLC2411 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLC2411
Description  BLUETOOTH BASEBAND
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2411 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLC2411 Datasheet HTML 6Page - STMicroelectronics STLC2411 Datasheet HTML 7Page - STMicroelectronics STLC2411 Datasheet HTML 8Page - STMicroelectronics STLC2411 Datasheet HTML 9Page - STMicroelectronics STLC2411 Datasheet HTML 10Page - STMicroelectronics STLC2411 Datasheet HTML 11Page - STMicroelectronics STLC2411 Datasheet HTML 12Page - STMicroelectronics STLC2411 Datasheet HTML 13Page - STMicroelectronics STLC2411 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
STLC2411
10/25
Table 9. Pin List (continued)
Name
Pin #
Description
Power Supply
vsspll
D14
PLL ground
vddpll
C13
1.8V supply for PLL
vdd
B7
1.8V Digital supply
vdd
K2
1.8V Digital supply
vdd
L12
1.8V Digital supply
vdd
L14
1.8V Digital supply
vdd
M4
1.8V Digital supply
vdd
N9
1.8V Digital supply
vddio_radio
A11
3.3V Supply voltage radio interface
vddio
B5
3.3V Supply voltage digital IO
vddio
E3
vddio
L1
vss
C7
Digital ground
vss
K3
Digital ground
vss
K12
Digital ground
vss
L13
Digital ground
vss
M9
Digital ground
vss
N4
Digital ground
vssio
C5
I/O's ground
vssio
C10
I/O's ground
vssio
E2
I/O's ground
vssio
L2
I/O's ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com