Electronic Components Datasheet Search
  English  ▼

X  

STLC2416 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLC2416
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2416 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLC2416 Datasheet HTML 4Page - STMicroelectronics STLC2416 Datasheet HTML 5Page - STMicroelectronics STLC2416 Datasheet HTML 6Page - STMicroelectronics STLC2416 Datasheet HTML 7Page - STMicroelectronics STLC2416 Datasheet HTML 8Page - STMicroelectronics STLC2416 Datasheet HTML 9Page - STMicroelectronics STLC2416 Datasheet HTML 10Page - STMicroelectronics STLC2416 Datasheet HTML 11Page - STMicroelectronics STLC2416 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
STLC2416
8/27
(1) Should be strapped to vssio if not used
(2) Should be strapped to vddio if not used
(3) Must have a 10 kOhm pull-up.
tms
E16
JTAG pin
I
PU
V1
CMOS, 3.3V TTL
compatible
tdi
F16
JTAG pin
I
PU
tdo
E18
JTAG pin (should be left open)
O/t
V1
CMOS, 3.3V TTL
compatible, 2mA
slew rate control
PCM interface
pcm_a
A11
PCM data
I/O
PD
V1
CMOS, 3.3V TTL
compatible, 2mA
tri-state
slew rate control
pcm_b
C10
PCM data
I/O
PD
pcm_sync
A12
PCM 8kHz sync
I/O
PD
pcm_clk
C11
PCM clock
I/O
PD
V1
CMOS, 3.3V TTL
compatible, 2mA
tri-state
slew rate control
schmitt trigger
Radio interface
brclk
L18
Transmit clock
I
(1)
V1
CMOS, 3.3V TTL
compatible
schmitt trigger
brxd
M18
Receive data
I
bmiso
M16
RF serial interface input data
I
(1)
V1
CMOS, 3.3V TTL
compatible
bnden
N16
RF serial interface control
O
V1
CMOS, 3.3V TTL
compatible, 2mA
slew rate control
bmosi
L16
RF serial interface output data
O
bdclk
K16
RF serial interface clock
O
btxd
K18
Transmit data
O
bsen
N18
Synthesizer ON
O
bpaen
J16
Open PLL
O
brxen
H18
Receive ON
O
btxen
G18
Transmit ON
O
bpktctl
J18
Packet ON
O
ant_sw
H16
Antenna switch
O
V1
CMOS, 3.3V TTL
compatible, 8mA
slew rate control
Table 9. STLC2416 Pin List (continued)
Name
Pin #
Description
DIR
PU/PD
VDD
PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com